Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6341CRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6341CRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341CRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6341CRZ Datasheet HTML 7Page - Intersil Corporation ISL6341CRZ Datasheet HTML 8Page - Intersil Corporation ISL6341CRZ Datasheet HTML 9Page - Intersil Corporation ISL6341CRZ Datasheet HTML 10Page - Intersil Corporation ISL6341CRZ Datasheet HTML 11Page - Intersil Corporation ISL6341CRZ Datasheet HTML 12Page - Intersil Corporation ISL6341CRZ Datasheet HTML 13Page - Intersil Corporation ISL6341CRZ Datasheet HTML 14Page - Intersil Corporation ISL6341CRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN6538.2
December 2, 2008
PGOOD
The PGOOD function output monitors the output voltage
using the same VOS pin and resistor divider of the
undervoltage and overvoltage protection, but with separate
comparators for each. The rising OV trip point (10% above
0.8V = 0.88V nominal on VOS) and the falling UV trip point
(10% below 0.8V = 0.72V nominal on VOS) will trip sooner
than the protection, in order to give an early warning to a
possible problem. The response time of the comparators
should be less than 1µs; the separate VOS input is not slowed
down by the compensation on the FB pin. It is NOT
recommended to connect the VOS pin to the FB pin, in order
to share the resistor divider. If the VOS pin is accidentally
disconnected, a small bias current on-chip will force an
overvoltage condition.
Figure 9 shows how the PGOOD output responds to a ramp
that trips in each direction (without reaching either protection
trip point at ±25%); PGOOD is valid (high) as long as VOUT
(and thus VOS) is within the ±10% window.
The PGOOD output is an open-drain pull-down NMOS
device; it can deliver 4.0mA of sink current at 0.3V when
power is NOT GOOD. A pull-up resistor to an external supply
voltage sets the high level voltage when power is GOOD. The
supply should be
≤6.0V, and is usually the one that powers
the logic monitoring the PGOOD output. If PGOOD function is
not used, the PGOOD pin can be left floating.
The PGOOD pin will be held low once VCC is above the rising
POR trip point, and during soft-start (but if the PGOOD supply
is up before or with VCC, it may be pulled high initially until the
logic has enough voltage to turn on the output). Once the
soft-start ramp is done (VOUT, VOS and FB should each be at
100% of their final value), the PGOOD pin will be allowed to
go high, if the output voltage is within the expected window.
There is no additional delay after soft-start is done.
Note that the overcurrent protection does directly affect the
PGOOD output, before the output voltage monitoring would
sense when VOUT drops 10%. The overvoltage and
undervoltage protection circuits don’t directly effect PGOOD,
but since the PGOOD UV and OV windows are tighter, the
PGOOD output should already be low by the time either
protection is tripped.
Switching Frequency
The switching frequency is a fixed 300kHz for the ISL6341,
ISL6341C and 600kHz for the ISL6341A, ISL6341B. It
cannot be adjusted externally, and the various soft-start
delays and ramps are fixed at the same times for either
frequency.
Output Voltage Selection
The output voltage can be programmed to any level between
the 0.8V internal reference, up to the VIN supply, with the
85% duty cycle restriction for the ISL6341, ISL6341C (75%
for the ISL6341A, ISL6341B). Additional duty cycle margin
due to the rDS(ON) drop across the upper FET at maximum
load needs to be factored in as well.
An external resistor divider is used to scale the output
voltage relative to the internal reference voltage, and feed it
back to the inverting input of the error amp. See the “Typical
Application” schematic on page 3 for more detail; RS is the
upper resistor; ROFFSET (shortened to RO below) is the
lower one. The recommended value for RS is 1kΩ to 5kΩ
(±1% for accuracy) and then ROFFSET is chosen according
to Equation 2. Since RS is part of the compensation circuit
(see “Feedback Compensation” on page 13), it is often
easier to change ROFFSET to change the output voltage;
that way the compensation calculations do not need to be
VOUT (0.25V/DIV)
GND>
110%
90%
GND>
PGOOD (2V/DIV)
FIGURE 9. PGOOD UNDERVOLTAGE AND OVERVOLTAGE
TABLE 2. PROTECTION SUMMARY
PROTECTION
ACTION TAKEN
ENABLED
AFTER
RESET
BY
OCP
ISL6341
ISL6341B
VOUT latches off;
LGATE and UGATE low.
POR or
COMP/EN
POR or
COMP/EN
OCP
ISL6341A
ISL6341C
Infinite retries; wait ~10ms,
and try a new Soft-Start ramp.
ISL6341C has UVP disabled
POR or
COMP/EN
Not
Applicable
UVP
(-25%)
VOUT latches off;
LGATE and UGATE low.
ISL6341C has UVP disabled
after SS
ramp
POR
OVP
(+25%)
VOUT latches off;
UGATE low;
LGATE goes low and high to
keep VOUT within 50% and
125% of nominal.
VOS pin open will trigger OV.
POR
POR
PGOOD
(UV; -10%)
PGOOD goes low if VOS is
10% too low.
after SS
ramp
POR or
COMP/EN
PGOOD
(OV; +10%)
PGOOD goes low if VOS is
10% too high.
after SS
ramp
POR or
COMP/EN
PGOOD
(OCP)
PGOOD goes low if OCP trips after SS
ramp
POR or
COMP/EN
or good
SS ramp
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341CRZ INTERSIL-ISL6341CRZ Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341CRZ RENESAS-ISL6341CRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com