Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6341AIRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6341AIRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341AIRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6341AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6341AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6538.2
December 2, 2008
Functional Pin Description
VCC (Pin 6)
This pin provides the bias supply for the ISL6341x, as well
as the lower MOSFET’s gate. An internal regulator will
supply bias as VCC rises above 5V, but the LGATE/OCSET
will still be sourced by VCC. Connect a well-decoupled 5V to
12V supply to this pin.
FB (Pin 8)
This pin is the inverting input of the internal error amplifier. Use
FB, in combination with the COMP/EN pin, to compensate the
voltage-control feedback loop of the converter. A resistor divider
from VOUT to FB to GND is used to set the regulation voltage.
VOS (Pin 9)
This input pin monitors the regulator output for OV and UV
protection, and PGOOD (OV and UV). Connect a resistor
divider from VOUT to VOS to GND, with the same ratio as
the FB resistor divider. It is not recommended to share one
divider for both FB and VOS; the response to a fault may not
be as quick or robust. There is a small pull-up bias current
on the pin; if the VOS pin is not connected, the OV protection
would be tripped to protect the load.
GND (Pin 5)
This pin represents the signal and power ground for the IC.
This pin is the high current connection, and should be tied to
the ground island/plane through the lowest impedance
connection available. The metal pad under the package
should also be connected to the GND plane for thermal
conductivity, but does not conduct any current.
PHASE (Pin 2)
Connect this pin to the source of the upper MOSFET, and
the drain of the lower MOSFET. It is used as the sink for the
UGATE driver, and to monitor the voltage drop across the
lower MOSFET for overcurrent protection. This pin is also
monitored by the adaptive shoot-through protection circuitry
to determine when the upper MOSFET has turned off.
UGATE (Pin 3)
Connect this pin to the gate of upper MOSFET; it provides
the PWM-controlled gate drive. It is also monitored by the
adaptive shoot-through protection circuitry to determine
when the upper MOSFET has turned off.
BOOT (Pin 1)
This pin provides ground referenced bias voltage to the upper
MOSFET driver. A bootstrap circuit is used to create a voltage
suitable to drive an N-Channel MOSFET (equal to VGD minus
the BOOT diode voltage drop), with respect to PHASE.
COMP/EN (Pin 7)
This is a multiplexed pin. During soft-start and normal converter
operation, this pin represents the output of the error amplifier.
Use COMP/EN, in combination with the FB pin, to compensate
the voltage-control feedback loop of the converter.
Upper Gate Sink Impedance
RUG-SNKl VCC = 5V; I = 50mA
1.7
Ω
Lower Gate Source Impedance
RLG-SRCl VCC = 5V; I = 50mA
1.5
Ω
Lower Gate Sink Impedance
RLG-SNKl VCC = 5V; I = 50mA
1.1
Ω
PROTECTION/DISABLE
OCSET Current Source
IOCSET
LGATE/OCSET = 0V
9
10
11
µA
Enable Threshold (COMP/EN pin)
VENABLE
0.683
0.700
0.717
V
VOS Rising Trip (PGOOD OV; +10%)
0.868
0.880
0.888
V
VOS Rising Trip (PGOOD OV) Hysteresis
16
mV
VOS Falling Trip (PGOOD UV; -10%)
0.708
0.720
0.732
V
VOS Falling Trip (PGOOD UV) Hysteresis
16
mV
VOS Rising Threshold (OV; +25%)
0.980
1.000
1.020
V
VOS Falling Threshold (UV; -25%)
(Note 5)
0.580
0.600
0.620
V
VOS Threshold (OV; 50% of VOUT)
0.380
0.400
0.410
V
VOS Bias Current
VOS = 0.25V
-1500
-250
-100
nA
PGOOD
IPGOOD = 4mA
0.10
0.18
0.30
V
NOTES:
3. Limits should be considered typical and are not production tested.
4. Limits established by characterization and are not production tested.
5. The UVP is disabled on the ISL6341C; no trip point is measured.
Electrical Specifications
Test Conditions: VCC = 12V, TJ = 0°C to +85°C, Unless Otherwise Noted. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341AIRZ INTERSIL-ISL6341AIRZ Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341AIRZ RENESAS-ISL6341AIRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com