Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CE-836M50-K225-V Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-F5CE-836M50-K225-V
Description  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-836M50-K225-V Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-F5CE-836M50-K225-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-836M50-K225-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
F5/F6 Series (K2 type)
5
3.
AMPS/TDMA/CDMA (Tx) Low Loss type
Part number : FAR-F5CE-836M50-K236
(Ta
= −30 °C to +85 °C)
4.
AMPS/TDMA/CDMA (Tx) High Attenuation type
Part number : FAR-F5CE-836M500-K289
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
824 MHz to 849 MHz
2.2
3.0
dB
Inband ripple
824 MHz to 849 MHz
0.9
1.7
dB
Absolute
attenuation
DC to 800 MHz
25
26
2.2
dB
869 MHz to 894 MHz
30
35
dB
894 MHz to 1050 MHz
25
27
dB
1050 MHz to 1210 MHz
25
28
dB
1210 MHz to 2000 MHz
20
27
dB
Inband VSWR
(Return loss)
824 MHz to 849 MHz
(8.5)
1.8
(10.9)
2.2
(
)
(dB)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
824 MHz to 849 MHz
3.0
3.8
dB
Inband ripple
824 MHz to 849 MHz
1.0
2.0
dB
Absolute
attenuation
DC to 800 MHz
30
32
dB
869 MHz to 894 MHz
36
45
dB
894 MHz to 1050 MHz
38
43
dB
1050 MHz to 1210 MHz
35
37
dB
1210 MHz to 2000 MHz
20
28
dB
Inband VSWR
(Return loss)
824 MHz to 849 MHz
(9.0)
2.0
(9.5)
2.1
(
)
(dB)


Similar Part No. - FAR-F5CE-836M50-K225-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-836M50-K225-V FUJITSU-FAR-F5CE-836M50-K225-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CE-836M50-K225-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com