Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86615 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB86615
Description  IEEE 1394 Bus Controller (for DVC)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86615 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB86615 Datasheet HTML 5Page - Fujitsu Component Limited. MB86615 Datasheet HTML 6Page - Fujitsu Component Limited. MB86615 Datasheet HTML 7Page - Fujitsu Component Limited. MB86615 Datasheet HTML 8Page - Fujitsu Component Limited. MB86615 Datasheet HTML 9Page - Fujitsu Component Limited. MB86615 Datasheet HTML 10Page - Fujitsu Component Limited. MB86615 Datasheet HTML 11Page - Fujitsu Component Limited. MB86615 Datasheet HTML 12Page - Fujitsu Component Limited. MB86615 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
MB86615
s PIN DESCRIPTION
1. 1394 Interface
2. Isochronous-data Interface
(Continued)
Pin name
I/O
Function
TPA
I/O
1394 Cable port TPA positive signal I/O pin
TPA
I/O
1394 Cable port TPA negative signal I/O pin
TPB
I/O
1394 Cable port TPB positive signal I/O pin
TPB
I/O
1394 Cable port TPB negative signal I/O pin
TPBIAS
O
1394 Cable port common voltage reference voltage output pin
ROI
O
Connect to GND through 4.7 k
Ω resistance
Pin name
I/O
Function
ICLK
I
Isochronous data interface CLK signal input pin (4 MHz to 16 MHz).
IDIR
I
Isochronous transfer transmission/reception switching signal input pin.
0 input: The device clears the ISO-FIFO buffer and enters the transmission
mode.
The device asserts the ILWRE signal and starts transmission after
receiving one packet of data according to the “data-length” setting
(bank 0: 10h).
1 input: The device clears the ISO-FIFO buffer and enters the reception mode.
If any packet being transmitted exists, the device enters the reception
mode after completing transmission of the packet. The ILWRE signal is
asserted upon reception of one packet.
Note: The IDIR signal should normally be left at “1” and switched to “0” only for
transmission.
ILWRE
O
ISO-FIFO access enable signal output pin.
Transmission mode: The signal is asserted when the FIFO buffer is not full.
The signal is negated when the FIFO buffer becomes full.
When it is negated, data is accepted only up to the rising
edge of the next ICLK signal.
When a bus reset is detected, the signal is negated after
accepting data of up to the packet boundary.
After the bus reset, the signal is asserted again upon
completion of transmission of one source packet remaining
in the FIFO buffer.
Reception mode: The signal is asserted upon completion of one packet of data.
The signal is negated once when one packet of data is read
from the FIFO buffer and asserted back if the FIFO buffer still
contains any packet of data which has been received
completely.
ID7 to ID0
I/O
Isochronous transfer data input/output bits. (MSB is ID7, LSB is ID0)
IV
I
ID7 to ID0 enable signal input pin
Transmission mode: While the IV signal is active, data from the ID7 to ID0 pins is
loaded into the ISO-FIFO buffer at the rising edge of the
ICLK signal.
Reception mode: While the signal becomes active, the device starts sending
data from the ISO-FIFO buffer to the ID7 to ID0 pins. Data is
then switched at the rising edge of the ICLK signal.


Similar Part No. - MB86615

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
   IEEE 1394 Bus Controller (for MPEG, DVC)
MB86612PBT FUJITSU-MB86612PBT Datasheet
574Kb / 40P
   IEEE 1394 Bus Controller (for MPEG, DVC)
MB86612PFV FUJITSU-MB86612PFV Datasheet
574Kb / 40P
   IEEE 1394 Bus Controller (for MPEG, DVC)
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
MB86613PBT FUJITSU-MB86613PBT Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
More results

Similar Description - MB86615

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
   IEEE 1394 Bus Controller (for MPEG, DVC)
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
   IEEE 1394 Serial Bus Controller for DTV
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
Fujitsu Component Limit...
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
   IEEE 1394 Open HCI Controller
logo
List of Unclassifed Man...
HSB-ARA62-SN15A ETC-HSB-ARA62-SN15A Datasheet
1Mb / 7P
   For IEEE-1394 High Performance Serial Bus Connectors
logo
Texas Instruments
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com