Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28713 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28713
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28713 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28713 Datasheet HTML 1Page - Texas Instruments UCC28713 Datasheet HTML 2Page - Texas Instruments UCC28713 Datasheet HTML 3Page - Texas Instruments UCC28713 Datasheet HTML 4Page - Texas Instruments UCC28713 Datasheet HTML 5Page - Texas Instruments UCC28713 Datasheet HTML 6Page - Texas Instruments UCC28713 Datasheet HTML 7Page - Texas Instruments UCC28713 Datasheet HTML 8Page - Texas Instruments UCC28713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
SLUSB86 – NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVDD = 25 V, HV = open, RCBC(NTC) = open, TA = -40°C to 125°C, TA = TJ
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-VOLTAGE START UP
IHV
Start-up current out of VDD
VHV = 100 V, VVDD = 0 V, start state
100
250
500
µA
IHVLKG
Leakage current at HV
VHV = 400 V, run state
0.1
1
BIAS SUPPLY INPUT
IRUN
Supply current, run
IDRV = 0, run state
2.00
2.65
mA
IWAIT
Supply current, wait
IDRV = 0, wait state
95
120
ISTART
Supply current, start
IDRV = 0, VVDD = 18 V, start state, IHV = 0
18
30
µA
IFAULT
Supply current, fault
IDRV = 0, fault state
95
125
UNDERVOLTAGE LOCKOUT
VVDD(on)
VDD turn-on threshold
VVDD low to high
19
21
23
V
VVDD(off)
VDD turn-off threshold
VVDD high to low
7.7
8.1
8.5
VS INPUT
VVSR
Regulating level
Measured at no-load condition, TJ = 25°C
(1)
4.01
4.05
4.09
V
VVSNC
Negative clamp level
IVS = -300 µA, volts below ground
190
250
325
mV
IVSB
Input bias current
VVS = 4 V
-0.25
0
0.25
µA
CS INPUT
VCST(max) Max CS threshold voltage
VVS = 3.7 V
738
780
810
mV
VCST(min)
Min CS threshold voltage
VVS = 4.35 V
175
195
215
KAM
AM control ratio
VCST(max) / VCST(min)
3.6
4.0
4.4
V/V
VCCR
Constant current regulating level
CC regulation constant
318
330
343
mV
KLC
Line compensation current ratio
IVSLS = -300 µA, IVSLS / current out of CS pin
24.0
25.0
28.6
A/A
TCSLEB
Leading-edge blanking time
DRV output duration, VCS = 1 V
180
235
280
ns
DRIVERS
IDRS
DRV source current
VDRV = 8 V, VVDD = 9 V
20
25
mA
RDRVLS
DRV low-side drive resistance
IDRV = 10 mA
6
12
Ω
VDRCL
DRV clamp voltage
VVDD = 35 V
14
16
V
RDRVSS
DRV pull-down in start state
150
190
230
k
Ω
TIMING
fSW(max)
Maximum switching frequency
VVS = 3.7 V
92
100
106
kHz
UCC28710
UCC28711
VVS = 4.35 V
600
680
755
UCC28712
fSW(min)
Minimum switching frequency
Hz
UCC28713
VVS = 4.35 V
UCC28714
340
VVS = 4.35 V
UCC28715
1500
tZTO
Zero-crossing timeout delay
1.80
2.10
2.55
µs
(1)
The regulating level at VS decreases with temperature by 0.8 mV/
˚C. This compensation is included to reduce the power supply output
voltage variance over temperature.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28713 TI-UCC28713 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28713 TI1-UCC28713 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713D TI1-UCC28713D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28713DR TI1-UCC28713DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com