Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86831 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB86831
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86831 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB86831 Datasheet HTML 1Page - Fujitsu Component Limited. MB86831 Datasheet HTML 2Page - Fujitsu Component Limited. MB86831 Datasheet HTML 3Page - Fujitsu Component Limited. MB86831 Datasheet HTML 4Page - Fujitsu Component Limited. MB86831 Datasheet HTML 5Page - Fujitsu Component Limited. MB86831 Datasheet HTML 6Page - Fujitsu Component Limited. MB86831 Datasheet HTML 7Page - Fujitsu Component Limited. MB86831 Datasheet HTML 8Page - Fujitsu Component Limited. MB86831 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
MB86830 Series
4
s FOR PACKAGE AND PART NUMBER
Note:Refer to“PACKAGE DIMENSIONS” for details in each package.
s DIFFERENCES
1.Package
• MB86831/832/834 : QFP176
• MB86833/835/836 : LQFP144
• MB86836 : FBGA144
2.Pin array
• MB86831/832/834 : The pin is interchangeable.However, the terminal of MB86834 is the pull-up resistor none.
• MB86833/835 : The pin is interchangeable.
• MB86836 : MB86833/835, from which DRAMC related pins are deleted and to which one channel of
general-purpose 16-bit timer and the JTAG pin are added.
3.Maximum operation frequency
• MB86831 : 66MHz/80MHz
• MB86832 : 66MHz/80MHz/100MHz
• MB86833 : 66MHz
• MB86834 : 108MHz/120MHz
• MB86835 : 84MHz
• MB86836 : 90MHz/108MHz
4.Power-supply voltage
* : The power-supply voltage is different (Refer to “ELECTRIC CHARACTERISTICS”) depending on the condition
of the operation frequency.
5.Cache memory
Package
MB86831
MB86832
MB86833
MB86834
MB86835
MB86836
FPT-176P-M01
Yes
Yes
No
Yes
No
No
FPT-144P-M08
No
No
Yes
No
Yes
Yes
BGA-144P-M02
No
No
No
No
No
Yes
Power-supply voltage
MB86831
MB86832
MB86833
MB86834
MB86835
MB86836
Internal power-supply
voltage
3.3 V
2.5 V
3.3 V
2.5 V
I/O power-supply voltage
3.3 V or 5.0 V
3.3 V
3.3 V
3.3 V
Cache memory
MB86831
MB86832
MB86833
MB86834
MB86835
MB86836
Instruction cash
4 KB/2 way
8 KB/2 way
1 KB/Direct
16 KB/2 way
4 KB/2 way
8 KB/2 way
Data cash
2 KB/2 way
8 KB/2 way
1 KB/Direct
16 KB/2 way
2 KB/2 way
8 KB/2 way


Similar Part No. - MB86831

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86831

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com