Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86832 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB86832
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86832 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB86832 Datasheet HTML 3Page - Fujitsu Component Limited. MB86832 Datasheet HTML 4Page - Fujitsu Component Limited. MB86832 Datasheet HTML 5Page - Fujitsu Component Limited. MB86832 Datasheet HTML 6Page - Fujitsu Component Limited. MB86832 Datasheet HTML 7Page - Fujitsu Component Limited. MB86832 Datasheet HTML 8Page - Fujitsu Component Limited. MB86832 Datasheet HTML 9Page - Fujitsu Component Limited. MB86832 Datasheet HTML 10Page - Fujitsu Component Limited. MB86832 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
MB86830 Series
7
• MB86831/832/834
VDD3 :For internal power supply.
VDD5 :For I/O power supply.
Reserved:This pin must be open.
*:The pull-up resistor is built into. However, there is no pull-up resistor in MB86834.
[ ]:Pin is added with MB86832/834. Please use this terminal by the opening in case of MB86831-66 and 80.
Pin
no.
Pin symbol
Pin
no.
Pin symbol
Pin
no.
Pin symbol
Pin
no.
Pin symbol
Pin
no.
Pin symbol
1
VDD3
37
D<4>
73
BMREQ#
109
ADR<11>
145
FLOAT#
2
D<31>
38
BMODE8#
74
OVF#
110
READY#
146
PDOWN#
3
D<30>
39
VSS
75
SAMEPAGE#
111
VDD3
147
WKUP#
4
D<29>
40
D<3>
76
AS#
112
ADR<12>
148
RESET#
5
D<28>
41
D<2>
77
VDD3
113
ADR<13>
149
VSS
6
VSS
42
D<1>
78
RDWR#
114
ADR<14>
150
IDLEEN
7
BMODE16#
43
D<0>
79
RDYOUT#
115
ADR<15>
151
CLKSEL1
8
D<27>
44
VDD3
80
CS5#
116
VSS
152
CLKSEL0
9
D<26>
45
VSS
81
CS4#
117
ADR<16>
153
CLKEXT
10
D<25>
46
DWE3#
82
VDD5
118
ADR<17>
154
CLKIN
11
D<24>
47
DWE2#
83
VSS
119
ADR<18>
155
VDD5
12
VDD5
48
DWE1#
84
CS3#
120
ADR<19>
156
IRQ11
13
D<23>
49
DWE0#
85
CS2#
121
VDD5
157
IRQ10
14
D<22>
50
VSS
86
CS1#
122
ADR<20>
158
IRQ9
15
D<21>
51
VDD5
87
CS0#
123
ADR<21>
159
IRQ8
16
D<20>
52
RAS0#
88
VSS
124
ADR<22>
160
VSS
17
VSS
53
RAS1#
89
VDD3
125
ADR<23>
161
Reserved
18
D<19>
54
RAS2#
90
BE3#
126
MEXC#
162
[ASISEL *]
19
D<18>
55
RAS3#
91
BE2#
127
VSS
163
[EMUBRK# *]
20
D<17>
56
VDD3
92
BE1#
128
ADR<24>
164
[EMUENB# *]
21
D<16>
57
CAS0#
93
BE0#
129
ADR<25>
165
VDD3
22
BTEST#
58
CAS1#
94
VSS
130
ADR<26>
166
[EMUSD3]
23
VDD3
59
CAS2#
95
NONCACHE#
131
ADR<27>
167
[EMUSD2]
24
D<15>
60
CAS3#
96
Reserved
132
VDD3
16
[EMUSD1]
25
D<14>
61
VSS
97
Reserved
133
VSS
169
[EMUSD0]
26
D<13>
62
DOE#
98
ADR<2>
134
ASI<3>[/ADR<28>]
170
VDD5
27
D<12>
63
CLKSEL2 *
99
ADR<3>
135
ASI<2>[/ADR<29>]
171
VSS
28
VSS
64
ERROR#
100
VDD5
136
ASI<1>[/ADR<30>]
172
[EMUD3]
29
D<11>
65
LOCK#
101
ADR<4>
137
ASI<0>[/ADR<31>]
173
[EMUD2]
30
D<10>
66
CTEST#
102
ADR<5>
138
VSS
174
[EMUD1]
31
D<9>
67
VDD5
103
ADR<6>
139
VDD5
175
[EMUD0]
32
D<8>
68
BREQ#
104
ADR<7>
140
IRL<3>/IRQ15
176
VSS
33
VDD5
69
PBREQ#
105
VSS
141
IRL<2>/IRQ14
34
D<7>
70
BGRNT#
106
ADR<8>
142
IRL<1>/IRQ13
35
D<6>
71
BMACK#
107
ADR<9>
143
IRL<0>/IRQ12
36
D<5>
72
VSS
108
ADR<10>
144
VDD3


Similar Part No. - MB86832

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86832

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com