Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT4317E Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LYT4317E
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4317E Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LYT4317E Datasheet HTML 2Page - Power Integrations, Inc. LYT4317E Datasheet HTML 3Page - Power Integrations, Inc. LYT4317E Datasheet HTML 4Page - Power Integrations, Inc. LYT4317E Datasheet HTML 5Page - Power Integrations, Inc. LYT4317E Datasheet HTML 6Page - Power Integrations, Inc. LYT4317E Datasheet HTML 7Page - Power Integrations, Inc. LYT4317E Datasheet HTML 8Page - Power Integrations, Inc. LYT4317E Datasheet HTML 9Page - Power Integrations, Inc. LYT4317E Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. B 02/13
6
LYT4211-4218/4311-4318
www.powerint.com
Application Example
25 W TRIAC Dimmable High Power Factor LED Driver
Design Example (DER-350)
The circuit schematic in Figure 8 shows a TRIAC dimmable high
power factor LED driver based on LYT4317E from the LYTSwitch
family of devices. The design is configurable for non-dimmable
only applications by simple component value changes. It was
optimized to drive an LED string at a voltage of 36 V with a
constant current of 0.7 A ideal for Lumens PAR lamp retro-fit
applications. The design operates over an input voltage range
of 90 VAC to 132 VAC.
The key goals of this design were compatibility with standard
leading edge TRIAC AC dimmers, very wide dimming range
(1000:1, 700 mA:0.7 mA), high efficiency (>85%) and high power
factor (>0.9). The design is fully protected from faults such as
no-load (open load), overvoltage and output short-circuit or
overload conditions and over temperature.
Circuit Description
The LYTSwitch device (U1- LYT4317E) integrates the power FET,
controller and start-up functions into a single package reducing
the component count versus typical implementations. Configured
as part of an isolated continuous conduction mode flyback
converter, U1 provides high power factor via its internal control
algorithm together with the small input capacitance of the
design. Continuous conduction mode operation results in
reduced primary peak and RMS current. This both reduces
EMI noise, allowing simpler, smaller EMI filtering components
and improves efficiency. Output current regulation is maintained
without the need for secondary-side sensing which eliminates
current sense resistors and improves efficiency.
Input Stage
Fuse F1 provides protection from component failures while RV1
provides a clamp during differential line surges, keeping the
peak drain voltage of U1 below the 725 V rating of the internal
power FET. Bridge rectifier BR1 rectifies the AC line voltage.
EMI filtering is provided by L1-L3, C1, C4, R2, R24 and R25
together with the safety rated Y class capacitor (CY1) that bridges
the safety isolation barrier between primary and secondary.
Resistor R2, R24 and R25 act to damp any resonances formed
between L1, L2, L3, C1 and the AC line impedance. A small
bulk capacitor (C4) is required to provide a low impedance
source for the primary switching current. The maximum value
of C2 and C4 is limited in order to maintain a power factor of
greater than 0.9.
LYTSwitch Primary
To provide peak line voltage information to U1 the incoming
rectified AC peak charges C6 via D2. This is then fed into the
VOLTAGE MONITOR pin of U1 as a current via R10. This
sensed current is also used by the device to set the line input
overvoltage protection threshold. Resistor R9 provides a
discharge path for C6 with a time constant much longer than
that of the rectified AC to prevent generation of line frequency
ripple.
The VOLTAGE MONITOR pin current and the FEEDBACK pin
current are used internally to control the average output LED
current. For TRIAC phase-dimming applications a 49.9 k
W
resistor (R14) is used on the REFERENCE pin and 2 M
W (R10)
on the VOLTAGE MONITOR pin to provide a linear relationship
between input voltage and the output current and maximizing
the dimming range.
Diode D3, R15 and C7 clamp the drain voltage to a safe level
due to the effects of leakage inductance. Diode D4 is
necessary to prevent reverse current from flowing through U1
for the period of the rectified AC input voltage that the voltage
across C4 falls to below the reflected output voltage (V
OR).
R6
360 k
PI-6875-101812
D
S
BP
V
R
FB
CONTROL
FL1
T1
RM8
12
1
FL2
10
11
R10
2 M
1%
R15
200 k
R9
510 k
1/8 W
R24
47 k
1/8 W
R1
510
1/2 W
R25
47 k
1/8 W
R2
47 k
1/8 W
L1
1 mH
L2
1 mH
R14
49.9 k
1%
1/16 W
R18
165 k
1%
1/16 W
R23
20 k
36 V,
700 mA
90 - 132
VAC
RTN
L
N
R19
20 k
1/8 W
C5
100 nF
50 V
R26
30
R20
39
1/8 W
R17
3 k
1/10 W
R27
10
1/10 W
D2
DFLU1400
C7
2.2 nF
630 V
D3
US1J
D5
BAV16
Q2
MMBT3904
D8
BAV21
Q1
X0202MA2BL2
D6
BAV21
D7
BYW29-200
D4
US1D
R22
1 k
1/10 W
BR1
MB6S
600 V
RV1
140 VAC
F1
5 A
C11
330
µF
63 V
C13
100 pF
200 V
CY1
470 pF
250 VAC
C12
330
µF
63 V
C8
47
µF
16 V
C15
100 nF
50 V
C14
10 nF
50 V
C9
56
µF
50 V
LYTSwitch
U1
LYT4317E
C6
2.2
µF
250 V
C1
220 nF
250 V
C4
100 nF
250 V
L3
5 mH
R8
100
1 W
C3
470 nF
50 V
C2
100 nF
250 V
D9
DFLU1400-7
Figure 8.
DER-350 Schematic of an Isolated, TRIAC Dimmable, High Power Factor, 90-132 VAC, 25 W / 36 V / 700 mA LED Driver.


Similar Part No. - LYT4317E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4311-LYT4318 POWERINT-LYT4311-LYT4318 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
More results

Similar Description - LYT4317E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com