Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT4214 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LYT4214
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4214 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LYT4214 Datasheet HTML 1Page - Power Integrations, Inc. LYT4214 Datasheet HTML 2Page - Power Integrations, Inc. LYT4214 Datasheet HTML 3Page - Power Integrations, Inc. LYT4214 Datasheet HTML 4Page - Power Integrations, Inc. LYT4214 Datasheet HTML 5Page - Power Integrations, Inc. LYT4214 Datasheet HTML 6Page - Power Integrations, Inc. LYT4214 Datasheet HTML 7Page - Power Integrations, Inc. LYT4214 Datasheet HTML 8Page - Power Integrations, Inc. LYT4214 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LYT4211-4218/4311-4318
LYTSwitch High Power LED Driver IC Family
www.powerint.com
February 2013
Single-Stage Accurate Primary-Side Constant Current (CC) Controller with
PFC for Low-Line Applications, TRIAC Dimming and Non-Dimming Options
Product Highlights
Better than ±5% CC regulation
TRIAC dimmable to less than 5% output
Fast start-up
<250 ms at full brightness
<1s at 10% brightness
High power factor >0.9
Easily meets EN61000-3-2
Less than 10% THD in optimized designs
Up to 92% efficient
132 kHz switching frequency for small magnetics
High Performance, Combined Driver, Controller, Switch
The LYTSwitch family enables off-line LED drivers with high
power factor which easily meet international requirements for THD
and harmonics. Output current is tightly regulated with better
than ±5% CC tolerance1. Efficiency of up to 92% is easily
achieved in typical applications.
Supports a Wide Selection of TRIAC Dimmers
The LYTSwitch family provides excellent turn-on characteristics
for leading-edge and trailing-edge TRIAC dimming applications.
This results in drivers with a wide dimming range and fast
start-up, even when turning-on from a low conduction angle.
Large dimming ratio and low “pop-on” current.
Low Solution Cost and Long Lifetime
LYTSwitch ICs are highly integrated and employ a primary-side
control technique that eliminates the optoisolator and reduces
component count. This allows the use of low-cost single-sided
printed circuit boards. Combining PFC and CC functions into a
single-stage also helps reduce cost and increase efficiency. The
132 kHz switching frequency permits the use of small, low-cost
magnetics.
LED drivers using the LYTSwitch family do not use primary-side
aluminum electrolytic bulk capacitors. This means greatly
extended driver lifetime, especially in bulb and other high
temperature applications.
Figure 1.
Typical Schematic.
CONTROL
Part Number
Input Voltage Range
TRIAC Dimmable
LYT4211-LYT4218
85-132 VAC
No
LYT4311-LYT4318
85-132 VAC
Yes
Output Power Table1,2
Product6
Minimum Output Power3 Maximum Output Power4
LYT4x11E/L5
2.5 W
12 W
LYT4x12E/L
2.5 W
15 W
LYT4x13E/L
3.8 W
18 W
LYT4x14E/L
4.5 W
22 W
LYT4x15E/L
5.5 W
25 W
LYT4x16E/L
6.8 W
35 W
LYT4x17E/L
8.0 W
50 W
LYT4x18E/L
18 W
78 W
Table 1. Output Power Table.
Notes:
1. Performance for typical design. See Applications section.
2. Continuous power in an open-frame design with adequate heat sinking; device
local ambient of 70 °C. Power level calculated assuming a typical LED string
voltage and efficiency >80%.
3. Minimum output power requires C
BP = 47 µF.
4. Maximum output power requires C
BP = 4.7 µF.
5. LYT4311 C
BP = 47 µF, LYT4211 CBP = 4.7 µF.
6. Package: eSIP-7C, eSIP-7F (see Figure 2).
Figure 2.
Package Options.
eSIP-7F (L Package)
eSIP-7C (E Package)
Optimized for Different Applications and Power Levels


Similar Part No. - LYT4214

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4211-LYT4218 POWERINT-LYT4211-LYT4218 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
More results

Similar Description - LYT4214

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com