Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT4214 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # LYT4214
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4214 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  LYT4214 Datasheet HTML 1Page - Power Integrations, Inc. LYT4214 Datasheet HTML 2Page - Power Integrations, Inc. LYT4214 Datasheet HTML 3Page - Power Integrations, Inc. LYT4214 Datasheet HTML 4Page - Power Integrations, Inc. LYT4214 Datasheet HTML 5Page - Power Integrations, Inc. LYT4214 Datasheet HTML 6Page - Power Integrations, Inc. LYT4214 Datasheet HTML 7Page - Power Integrations, Inc. LYT4214 Datasheet HTML 8Page - Power Integrations, Inc. LYT4214 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. B 02/13
2
LYT4211-4218/4311-4318
www.powerint.com
Figure 3d. Typical Buck-Boost Schematic.
Figure 3c. Typical Tapped Buck Schematic.
Figure 3b. Typical Buck Schematic.
Figure 3a. Typical Isolated Flyback Schematic.
Table 2.
Performance of Different Topologies in a Typical Non-Dimmable 10 W Low-Line Design.
CONTROL
Topology
Isolation
Efficiency
Cost
THD
Output Voltage
Isolated Flyback
Yes
88%
High
Best
Any
Buck
No
92%
Low
Good
Limited
Tapped Buck
No
89%
Middle
Best
Any
Buck-Boost
No
90%
Low
Best
High-Voltage
PI-6841-081512
D
S
BP
V
FB
R
CONTROL
AC
IN
LYTSwitch
PI-6842-081512
D
S
BP
CONTROL
AC
IN
V
FB
R
LYTSwitch
Typical Circuit Schematic
Key Features
Flyback
Benefits
Provides isolated output
Supports widest range of output voltages
Very good THD performance
Limitations
Flyback transformer
Overall efficiency reduced by parasitic capacitance
and inductance in the transformer
Larger PCB area to meet isolation requirements
Requires additional components (primary clamp and bias)
Higher RMS switch and winding currents increases losses
and lowers efficiency
Buck
Benefits
Highest efficiency
Lowest component count – small size
Simple low-cost power inductor
Low drain source voltage stress
Best EMI/lowest component count for filter
Limitations
Single input line voltage range
Output voltage <0.6
× V
IN(AC) × 1.41
Output voltage for low THD designs
Non-isolated
Tapped Buck
Benefits
Ideal for low output voltage designs (<20 V)
High efficiency
Low component count
Simple low-cost tapped inductor
Limitations
Designs best suited for single input line voltage
Requires additional components (primary clamp)
Non-isolated
Buck-Boost
Benefits
Ideal for non-isolated high output voltage designs
High efficiency
Low component count
Simple common low-cost power inductor can be used
Lowest THD
Limitations
Maximum V
OUT is limited by MOSFET breakdown voltage
Single input line voltage range
Non-isolated
PI-6859-081512
D
S
BP
V
FB
R
CONTROL
AC
IN
LYTSwitch


Similar Part No. - LYT4214

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4211-LYT4218 POWERINT-LYT4211-LYT4218 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
More results

Similar Description - LYT4214

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com