Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28700 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28700
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28700 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28700 Datasheet HTML 1Page - Texas Instruments UCC28700 Datasheet HTML 2Page - Texas Instruments UCC28700 Datasheet HTML 3Page - Texas Instruments UCC28700 Datasheet HTML 4Page - Texas Instruments UCC28700 Datasheet HTML 5Page - Texas Instruments UCC28700 Datasheet HTML 6Page - Texas Instruments UCC28700 Datasheet HTML 7Page - Texas Instruments UCC28700 Datasheet HTML 8Page - Texas Instruments UCC28700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
UCC28700, UCC28701
UCC28702, UCC28703
SLUSB41 – JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VDD = 25 V, RCBC = RNTC = open, -20°C ≤ TA ≤ 125°C, TJ = TA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Bias Supply Input
IRUN
Supply current, run
IDRV = 0, run state
2.1
2.65
mA
IWAIT
Supply current, wait
IDRV = 0, wait state
85
110
µA
ISTART
Supply current, start
IDRV = 0, VVDD = 18 V, start state
1.0
1.5
IFAULT
Supply current, fault
IDRV = 0, fault state
2.1
2.8
mA
Under-Voltage Lockout
VVDD(on)
VDD turn-on threshold
VVDD low to high
19
21
23
V
VVDD(off)
VDD turn-off threshold
VVDD high to low
7.7
8.1
8.45
VS Input
VVSR
Regulating level
Measured at no-load condition, TJ = 25°C
4.01
4.05
4.09
V
VVSNC
Negative clamp level
IVS = -300 µA, volts below ground
190
250
325
mV
IVSB
Input bias current
VVS = 4 V
-0.25
0
0.25
µA
CS Input
VCST(max) Max CS threshold voltage
VVS = 3.7 V
(1)
715
750
775
mV
VCST(min)
Min CS threshold voltage
VVS = 4.35 V
(1)
230
250
270
KAM
AM control ratio
VCST(max) / VCST(min)
2.75
3.0
3.15
V/V
constant-current regulating
VCCR
CC regulation constant
310
319
329
mV
level
Line compensating current
KLC
IVSLS = -300 µA, IVSLS / current out of CS pin
23
25
28
A/A
ratio
TCSLEB
Leading-edge blanking time
DRV output duration, VCS = 1 V
195
235
275
ns
DRV
IDRS
DRV source current
VDRV = 8 V, VVDD = 9 V
20
25
mA
RDRVLS
DRV low-side drive resistance
IDRV = 10 mA
6
12
Ω
VDRCL
DRV clamp voltage
VVDD = 35 V
14
16
V
RDRVSS
DRV pull-down in start state
150
200
230
k
Ω
Timing
fSW(max)
Maximum switching frequency VVS = 3.7 V
(1)
120
130
140
kHz
fSW(min)
Minimum switching frequency
VVS = 4.35 V
(1)
875
1000
1100
Hz
TZTO
Zero-crossing timeout delay
1.8
2.1
2.45
µs
(1)
These devices automatically vary the control frequency and current sense thresholds to improve EMI performance, these threshold
voltages and frequency limits represent average levels.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC28700, UCC28701 UCC28702, UCC28703


Similar Part No. - UCC28700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700 Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700DBVR TI1-UCC28700DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com