Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0056E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0056E
Description  RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0056E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0056E Datasheet HTML 1Page - Solid States Devices, Inc RC0056E Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
MAX
Instantaneous Forward Voltage Drop
IF = 9.0 Adc, 300-500μs pulse
TA = +25°C
TA = -55°C
VF1
VF2
1.15
1.30
Vdc
Reverse Leakage Current
Rated VR, 300μs pulse minimum
TA = +25°C
TA =+100°C
IR1
IR2
1.0
50
μA
Junction Capacitance
VR = 10 Vdc, f = 1MHz, TA = 25°C
CJ
50
pF
Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
250 typ.
325 max.
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
---
.170
A (SMS)
.170
.180
B
.210
.250
A (ASMS)
.145
.155
C
.037
.043
B
.260
.300
D
1.000
---
C
.020
.030
AXIAL
D
.002
---
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR9JF thru SDR9MF
and
SDRJFSMS thru SDRMFSMS
Series
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0056E
DOC


Similar Part No. - RC0056E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0056E(1) SSDI-RC0056E(1) Datasheet
166Kb / 2P
   RECTIFIER
RC0056E(1) SSDI-RC0056E(1)_15 Datasheet
166Kb / 2P
   FAST RECOVERY RECTIFIER
RC0056E SSDI-RC0056E_15 Datasheet
166Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RC0056E

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
   Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
   RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
   RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
   RECTIFIER
RH0141 SSDI-RH0141_15 Datasheet
213Kb / 2P
   RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
   RECTIFIER
RH0127 SSDI-RH0127 Datasheet
195Kb / 2P
   RECTIFIER
RH0139 SSDI-RH0139 Datasheet
224Kb / 2P
   RECTIFIER
RH0163E SSDI-RH0163E Datasheet
197Kb / 2P
   RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
   RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
   Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com