Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT4313 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LYT4313
Description  LYTSwitch High Power LED Driver IC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT4313 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LYT4313 Datasheet HTML 1Page - Power Integrations, Inc. LYT4313 Datasheet HTML 2Page - Power Integrations, Inc. LYT4313 Datasheet HTML 3Page - Power Integrations, Inc. LYT4313 Datasheet HTML 4Page - Power Integrations, Inc. LYT4313 Datasheet HTML 5Page - Power Integrations, Inc. LYT4313 Datasheet HTML 6Page - Power Integrations, Inc. LYT4313 Datasheet HTML 7Page - Power Integrations, Inc. LYT4313 Datasheet HTML 8Page - Power Integrations, Inc. LYT4313 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. B 02/13
4
LYT4211-4218/4311-4318
www.powerint.com
Functional Description
A LYTSwitch device monolithically combines a controller and
high-voltage power FET into one package. The controller
provides both high power factor and constant current output in
a single-stage. The LYTSwitch controller consists of an
oscillator, feedback (sense and logic) circuit, 5.9 V regulator,
hysteretic over-temperature protection, frequency jittering,
cycle-by-cycle current limit, auto-restart, inductance correction,
power factor and constant current control.
FEEDBACK Pin Current Control Characteristics
The figure shown below illustrates the operating boundaries of
the FEEDBACK pin current. Above I
FB(SKIP) switching is disabled
and below I
FB(AR) the device enters into auto-restart.
Figure 6.
FEEDBACK Pin Current Characteristic.
The FEEDBACK pin current is also used to clamp the maximum
duty cycle to limit the available output power for overload and
open-loop conditions. This duty cycle reduction characteristic
also promotes a monotonic output current start-up characteristic
and helps preventing over-shoot.
REFERENCE Pin
The REFERENCE pin is tied to ground (SOURCE) via an external
resistor. The value selected sets the internal references,
determining the operating mode for dimming (LYT4311-4318)
and non-dimming (LYT4211-4218) operation and the line
overvoltage thresholds of the VOLTAGE MONITOR pin. For
non-dimming or PWM dimming applications with LYT4211-4218,
the external resistor should be a 24.9 k
W ±1%. For phase angle
AC dimming with LYT4311-4318, the external resistor should be
a 49.9 k
W ±1%. One percent resistors are recommended as
the resistor tolerance directly affects the output tolerance.
Other resistor values should not be used.
BYPASS Pin Capacitor Power Gain Selection
LYTSwitch devices have the capability to tailor the internal gain
to either full or a reduced output power setting. This allows
selection of a larger device to minimize dissipation for both
thermal and efficiency reasons. The power gain is selected with
the value of the BYPASS pin capacitor. The full power setting is
selected with a 4.7
µF capacitor and the reduced power setting
(for higher efficiency) is selected with a 47
µF capacitor. The
BYPASS pin capacitor sets both the internal power gain as well
as the over-current protection (OCP) threshold. Unlike the
larger devices, the LYT4x11 power gain is not programmable.
Use a 47
µF capacitor for the LYT4x11.
Switching Frequency
The switching frequency is 132 kHz during normal operation.
To further reduce the EMI level, the switching frequency is
jittered (frequency modulated) by approximately 2.6 kHz.
During start-up the frequency is 66 kHz to reduce start-up time
when the AC input is phase angle dimmed. Jitter is disabled in
deep dimming.
Soft-Start
The controller includes a soft-start timing feature which inhibits
the auto-restart protection feature for the soft-start period (t
SOFT)
to distinguish start-up into a fault (short-circuit) from a large
output capacitor. At start-up the LYTSwitch clamps the
maximum duty cycle to reduce the output power. The total
soft-start period is t
SOFT.
Remote ON/OFF and EcoSmart
The VOLTAGE MONITOR pin has a 1 V threshold comparator
connected at its input. This voltage threshold is used for
remote ON/OFF control. When a signal is received at the
VOLTAGE MONITOR pin to disable the output (VOLTAGE
MONITOR pin tied to ground through an optocoupler photo-
transistor) the LYTSwitch will complete its current switching
cycle before the internal power FET is forced off.
The remote ON/OFF feature can also be used as an eco-mode
or power switch to turn off the LYTSwitch and keep it in a very
low power consumption state for indefinite long periods. When
the LYTSwitch is remotely turned on after entering this mode, it
will initiate a normal start-up sequence with soft-start the next
time the BYPASS pin reaches 5.9 V. In the worst case, the
delay from remote on to start-up can be equal to the full
discharge/charge cycle time of the BYPASS pin. This reduced
consumption remote off mode can eliminate expensive and
unreliable in-line mechanical switches.
IFB(AR)
IFB(DCMAXR)
DC10
DCMAX
IFB(SKIP)
IFB
PI-5433-060410
Skip-Cycle
CC Control
Region
Soft-Start and
CC Fold-Back
Region
Auto-Restart
Maximum Duty Cycle


Similar Part No. - LYT4313

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4311-LYT4318 POWERINT-LYT4311-LYT4318 Datasheet
3Mb / 42P
   Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
More results

Similar Description - LYT4313

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4312 POWERINT-LYT4312 Datasheet
2Mb / 20P
   LYTSwitch High Power LED Driver IC Family
LNK403 POWERINT-LNK403 Datasheet
2Mb / 20P
   LinkSwitch-PH LED Driver IC Family
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
   LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
   LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
   LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
   LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
   LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com