Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86967PFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB86967PFV
Description  LAN Controller with PC Card, ISA Bus, and General-purpose Bus Interfaces
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86967PFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB86967PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB86967PFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
9
MB86967
(Continued)
Pin no.
Symbol
Pin name
I/O
Function
69
74
75
92
IREQ1/IOSEL0
IREQ2/IOSEL1
IREQ3/IOSEL2
IREQ0
INTERRUPT
REQUEST 0 to 3
(Active High)
IU/O Jumperless Mode
These pins are used for output of IR signals. One of
IREQ0 to IREQ3 is selected by configuration data in
EEPROM.
I/O ADDRESS
SELECT
Jumper Mode
These pins are used to select the I/O base
addresses to which the LAN controller is allocated.
83
DMACK
DMA
ACKNOWLEDGE
I
This pin is used for input of DMAC acknowledge
signals indicating that the DMAC is ready to transmit
and receive data to and from buffer memory.
3
IOCHRDY
I/O CHANNEL READY
(Active Low,
open-drain output)
OD
This pin is used for output of signals indicating
READY for handshaking with the host system.
84
IOCS16
I/O CHANNEL
SELECT 16
(Active Low,
open-drain output)
OD
This pin is used for output of signals indicating that
data transfer is made in a 16-bit I/O access cycle.
93
ENHB
ENABLE DATA HIGH
(Active Low)
O
This pin is used for output of enable signals for an
external upper system data bus transceiver.
95
ENLB
ENABLE DATA LOW
(Active Low)
O
This pin is used for output of enable signals for an
external lower system data bus transceiver.
99
EEPSK
SHIFT CLOCK
O
This pin is used for output of EEPROM shift clock
pulses.
97
EEPDI
DATA IN
O
This pin is connected to DATA IN pin of EEPROM.
96
EEPDO
DATA OUT
IU
This pin is connected to DATA OUT pin of EEPROM.
98
EECS
EEPROM CHIP
SELECT
(Active High)
O
This pin is used for output of EEPROM chip select
signals.
IOSEL2 IOSEL1 IOSEL0
I/O Base Address
00
0
260H to 27FH
00
1
280H to 29FH
01
0
2A0H to 2BFH
01
1
240H to 25FH
10
0
340H to 35FH
10
1
320H to 33FH
11
0
380H to 39FH
11
1
300H to 31FH


Similar Part No. - MB86967PFV

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MB86967 PULSE-MB86967 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - MB86967PFV

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
logo
List of Unclassifed Man...
UPD7210C ETC1-UPD7210C Datasheet
72Kb / 2P
   GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
logo
Texas Instruments
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
logo
List of Unclassifed Man...
HS-7238 ETC-HS-7238 Datasheet
299Kb / 1P
   Pentium 4 PCI-ISA Bus SBC with DVI/CRT, Audio Dual LAN & Wireless LAN
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210 TI1-TUSB3210_15 Datasheet
933Kb / 50P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com