Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7M7809 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7M7809
Description  Precision supply-voltage monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M7809 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7M7809 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M7809 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0109S-15
10/14/10
2
PT7M7803/7809-7812/7823-7825
µP Supervisor Circuits
Pin Configuration
2
1
1
2
VCC
GND
RESET
3
VCC
GND
RESET
3
SOT23-3
PT7M7803
PT7M7809
PT7M7810
4
3
1
2
VCC
RESET
GND
MR
4
3
1
2
VCC
GND
MR
RESET
PT7M7811
PT7M7812
SOT143
5
4
1
3
VCC
RESET
GND
MR
SOT23-5
PT7M7811
2NC
Pin Description
Pin
Type
Description
MR
I
Manual-Reset: (CMOS). Active low. Pull low to force a reset. Reset remains asserted for the duration of
the Reset Timeout Period after MR transitions from low to high. Leave unconnected or connected to VCC
if not used.
VCC
Power
Supply Voltage. Reset is asserted when VCC drops below the Reset Threshold Voltage (VRST). Reset
remains asserted until VCC rises above VRST and keep asserted for the duration of the Reset Timeout
Period (tRS) once VCC rises above VRST.
GND
-
Ground Reference for all signals.
PFI
I
Power-Fail Voltage Monitor Input. When PFI <VPFT, PFO goes low. Connect PFI to GND or Vcc when
not used.
PFO
O
Power-Fail Output: it gets low and sinks current when PFI is less than 1.25V; otherwise PFO stays high.
WDI
I
Watchdog Input (CMOS). If WDI remains high or low for the duration of the watchdog timeout period
(tWD), the internal watchdog timer trigger a reset output. Floating WDI or connecting WDI to a high-
impedance three-state buffer disables the watchdog feature. The internal watchdog timer clears whenever
reset is asserted or WDI occurs a rising or falling edge.
RESET
O
Active-Low Reset Output (Push-Pull or Open-Drain). It goes low when Vcc is below the reset
threshold. It remains low for about 200ms after one of the following occurs: Vcc rises above the reset
threshold (VRST), the watchdog triggers a reset, or MR goes from low to high.
RESET
O
The inverse of RESET, active high. Whenever RESET is high, RESET is low.
NC
-
No connection.
5
4
1
2
3
VCC
RESET
GND
MR
WDI
PT7M7823
1
2
3
VCC
RESET
GND
RESET
4
5
MR
PT7M7825
3
1
2
VCC
GND
WDI
4
5
RESET
PT7M7824
RESET
5
4
1
3
VCC
GND
MR
RESET
PT7M7812
2NC
11-0012


Similar Part No. - PT7M7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7M7809 ETC2-PT7M7809 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Diodes Incorporated
PT7M7809 DIODES-PT7M7809 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
PT7M7809G DIODES-PT7M7809G Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
List of Unclassifed Man...
PT7M7809J ETC2-PT7M7809J Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Diodes Incorporated
PT7M7809J DIODES-PT7M7809J Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
More results

Similar Description - PT7M7809

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com