Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86835 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB86835
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86835 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB86835 Datasheet HTML 5Page - Fujitsu Component Limited. MB86835 Datasheet HTML 6Page - Fujitsu Component Limited. MB86835 Datasheet HTML 7Page - Fujitsu Component Limited. MB86835 Datasheet HTML 8Page - Fujitsu Component Limited. MB86835 Datasheet HTML 9Page - Fujitsu Component Limited. MB86835 Datasheet HTML 10Page - Fujitsu Component Limited. MB86835 Datasheet HTML 11Page - Fujitsu Component Limited. MB86835 Datasheet HTML 12Page - Fujitsu Component Limited. MB86835 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
MB86830 Series
9
• MB86836
VDD3
: 2.5-V power pin (for supplying internal power)
VPD: Test pin. Usually fixed to the L level.
VDD5
: 3.3-V power pin (for supplying I/O power)
* : With an internal pull-down resistor
Reserved : Leave the pin open.
Pin no.
Pin symbol
Pin no.
Pin symbol
Pin no.
Pin symbol
Pin no.
Pin symbol
1VDD3
37
VDD3
73
VDD3
109
VDD3
2
BMODE16#
38
D<2>
74
BE3#
110
MEXC#
3
D<28>
39
D<1>
75
BE2#
111
ADR<23>
4
D<27>
40
D<0>
76
BE1#
112
ASI<3>/ADR<24>
5
D<26>
41
TRST#
77
BE0#
113
ASI<2>/ADR<25>
6
D<25>
42
TCK*
78
VPD
114
ASI<1>/ADR<26>
7
D<24>
43
TMS*
79
IN0
115
ASI<0>/ADR<27>
8
D<23>
44
TDI*
80
NONCACHE#
116
IRL<3>/IRQ15
9VSS
45
VSS
81
VSS
117
VSS
10
D<22>
46
TDO
82
ADR<2>
118
IRL<2>/IRQ14
11
D<21>
47
OUT0
83
ADR<3>
119
IRL<1>/IRQ13
12
D<20>
48
PRSCK0
84
ADR<4>
120
IRL<0>/IRQ12
13
D<19>
49
ERROR#
85
ADR<5>
121
FLOAT#
14
D<18>
50
LOCK#
86
ADR<6>
122
PDOWN#
15
D<17>
51
CTEST#
87
ADR<7>
123
WKUP#
16
D<16>
52
BREQ#
88
ADR<8>
124
RESET#
17
BTEST#
53
PBREQ#
89
ADR<9>
125
IDLEEN
18
VDD5
54
VDD5
90
VDD5
126
VDD5
19
VSS
55
VSS
91
VSS
127
VSS
20
D<15>
56
BGRNT#
92
ADR<10>
128
CLKSEL2
21
D<14>
57
BMACK#
93
ADR<11>
129
CLKSEL1
22
D<13>
58
BMREQ#
94
ADR<12>
130
CLKSEL0
23
D<12>
59
OVF#
95
ADR<13>
131
CLKEXT
24
D<11>
60
SAMEPAGE#
96
ADR<14>
132
CLKIN
25
D<10>
61
AS#
97
ADR<15>
133
IRQ11
26
D<9>
62
RDWR#
98
ADR<16>
134
IRQ10
27
D<8>
63
RDYOUT#
99
ADR<17>
135
IRQ9
28
BMODE8#
64
CS5#
100
READY#
136
IRQ8
29
VDD3
65
VDD3
101
VDD3
137
VDD3
30
VSS
66
VSS
102
VSS
138
VSS
31
D<7>
67
CS4#
103
ADR<18>
139
Reserved
32
D<6>
68
CS3#
104
ADR<19>
140
ASISEL
33
D<5>
69
CS2#
105
ADR<20>
141
D<31>
34
D<4>
70
CS1#
106
ADR<21>
142
D<30>
35
D<3>
71
CS0#
107
ADR<22>
143
D<29>
36
VDD5
72
VDD5
108
VDD5
144
VDD5


Similar Part No. - MB86835

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86835

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com