Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88101APFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB88101APFV
Description  A/D Converter (With 4-channel Input at 12-bit Resolution)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88101APFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB88101APFV Datasheet HTML 1Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB88101APFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
MB88101A
s FUNCTIONAL DESCRIPTION
1. Mode 1
This mode sets the DO pin to “L” and stops conversion upon completion of conversion of 12 bits. To restart
conversion, set CS to “H” once then to “L”. In this mode, converted data is output from the MSB.
• Timing diagram
2. Mode 2
This mode continues conversion until CS becomes “H” after it becomes “L”. Converted data is output from the
LSB, with the first piece of converted data output 20 clock cycles after CS becomes “L”. Changing the channel
select pin settings before starting sampling of one analog input allows another to be converted.
• Timing diagram
CLK
CS
MOD0, 1
C0, C1
DO
Bit
Trial
SAMP
B11
B11
B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Sampling
Sampling
12345678910 11 12 13 14 15 16
1
2
Hi-z
Hi-z
Hi-z
Hi-z
CS
MOD0, 1
MOD0, 1
Mode 2
C0, C1
AN0
AN2
AN1
CLK
DO
Bit
Trial
SAMP
Hi-z
Hi-z
Hi-z
Hi-z
16CLK
MSB (AN0)
⇒ LSB
MSB (AN2)
⇒ LSB
LSB (AN0)
⇒ MSB
LSB (AN2)
⇒ MSB
MSB (AN1)
⇒ LSB


Similar Part No. - MB88101APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101APFV FUJITSU-MB88101APFV Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88101APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Integrated Circuit Syst...
DAC88 ICST-DAC88 Datasheet
813Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDAC88 APITECH-MNDAC88 Datasheet
819Kb / 4P
   12-bit D/A Converter with Input Register
MN3860 APITECH-MN3860 Datasheet
841Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
MN3860 ICST-MN3860 Datasheet
836Kb / 4P
   12-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDACHK APITECH-MNDACHK Datasheet
839Kb / 4P
   12-bit D/A Converter with Input Register
logo
Integrated Circuit Syst...
DACHK ICST-DACHK Datasheet
833Kb / 4P
   12-bit D/A Converter with Input Register
logo
Renesas Technology Corp
RL78-L1A RENESAS-RL78-L1A Datasheet
1Mb / 83P
   Integrated LCD controller/driver, 12-bit resolution A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com