Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88111PFQ Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB88111PFQ
Description  A/D Converter (With 24-Channel Input at 10-bit Resolution)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88111PFQ Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB88111PFQ Datasheet HTML 6Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 7Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 8Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 9Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 10Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 11Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 12Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 13Page - Fujitsu Component Limited. MB88111PFQ Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
MB88111
3. STC (Standard Conversion) Command
Input of the STC command executes A/D conversion of the specified channel once.
Impletion of A/D conversion, the ENDC signal rises while the IRQX signal falls. Clock input to the SCK pin after
A/D conversion outputs data to the SOT pin. Upon completion of data output, the ENDC signal falls while the
IRQX signal rises. If the next command is STOP or NOP, the A/D conversion is terminated. If the STC command
is input during A/D conversion, the command currently being executed is cancelled and the STC command is
executed.
• Example of STC command execution (1)
STC command input during A/D conversion cancels the current command and executes A/D conversion of the
new specified channel. Output data at this time is 0000H.
• Example of STC command execution (2)
NOP command input during A/D conversion does not affect operation. Output data at this time is 0000H. If A/
D conversion is completed during NOP command input, the ENDC and IRQX pin levels become “H” and “L”
respectively upon completion of the NOP command input.
SCK
SIN
SOT
ENDC
IRQX
A/D
16 Cycle
AN0
0000H
AN1
Data 0
AN2
0000H
STOP
Data 2
AN0 conversion
AN1 conversion
AN2 conversion
SCK
SIN
SOT
ENDC
IRQX
A/D
16 Cycle
AN3
0000H
NOP
0000H
NOP
Data 3
AN4
0000H
NOP
0000H
STOP
Data 4
AN3 conversion
AN4 conversion


Similar Part No. - MB88111PFQ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APF FUJITSU-MB88101APF Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88111PFQ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
API Technologies Corp
MN3040 APITECH-MN3040 Datasheet
608Kb / 2P
   10-bit D/A Converter with Input Register
logo
List of Unclassifed Man...
MN3040 ETC1-MN3040 Datasheet
602Kb / 2P
   10-bit D/A Converter with Input Register
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Fujitsu Component Limit...
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
   3-Channel 10-Bit D/A Converter
MB40730 FUJITSU-MB40730 Datasheet
406Kb / 16P
   1 CHANNEL 10-BIT D/A CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com