Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88141 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB88141
Description  D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88141 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB88141 Datasheet HTML 4Page - Fujitsu Component Limited. MB88141 Datasheet HTML 5Page - Fujitsu Component Limited. MB88141 Datasheet HTML 6Page - Fujitsu Component Limited. MB88141 Datasheet HTML 7Page - Fujitsu Component Limited. MB88141 Datasheet HTML 8Page - Fujitsu Component Limited. MB88141 Datasheet HTML 9Page - Fujitsu Component Limited. MB88141 Datasheet HTML 10Page - Fujitsu Component Limited. MB88141 Datasheet HTML 11Page - Fujitsu Component Limited. MB88141 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MB88141
8
2.
For D/A Converter
+ I/O Expander Operation (MOD = “H”)
(1) I2C Bus Format
(2) Slave Address Comparison (7 bits)
Slave address comparison is the same as for D/A converter (12-channel) operation (see “1. (2) “Slave Address
Comparison”), with the exception that the CS2 setting determines the number of D/A converter channels and
the number of I/O expander bits.
When CS2 = “1” is selected, the upper 4 bits (D7 to D4) of write operations (I2C bus to parallel interface) are
ignored, and the upper 4 bits or read operations (parallel interface to I2C bus) are output at “0” (low).
(3) R/W Selection (1 bit)
CS2
D/A converter
I/O expander
0
4 channels (AO1 to AO4)
8 bits (D7 to D0)
1
8 channels (AO1 to AO8)
4 bits (D3 to D0)
R/W
I/O expander operation
D/A converter operation
0I2C bus input
→ parallel data output
I2C bus input
→ analog output
1
Parallel data input
→ I2C bus output
First
S6
S0 R/W
D7
D0
Last
Last
D0
D7
C0
C7
R/W
S0
S6
First
S
S0
1
A
A
A
A
A
P
P
Slave address (7 bits)
Digital data (8 bits)
Slave address (7 bits)
Channel selection (8 bits)
Digital data (8 bits)
: Sent from master device
: Sent from MB88141 (slave device)
S: “Start” condition
P: “Stop” condition
A: “Acknowledge” output


Similar Part No. - MB88141

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141AP FUJITSU-MB88141AP Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APF FUJITSU-MB88141APF Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APFV FUJITSU-MB88141APFV Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
More results

Similar Description - MB88141

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
   8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
logo
Renesas Technology Corp
M62376GP RENESAS-M62376GP Datasheet
150Kb / 11P
   8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
logo
Fujitsu Component Limit...
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com