Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28630DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28630DR
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28630DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28630DR Datasheet HTML 7Page - Texas Instruments UCC28630DR Datasheet HTML 8Page - Texas Instruments UCC28630DR Datasheet HTML 9Page - Texas Instruments UCC28630DR Datasheet HTML 10Page - Texas Instruments UCC28630DR Datasheet HTML 11Page - Texas Instruments UCC28630DR Datasheet HTML 12Page - Texas Instruments UCC28630DR Datasheet HTML 13Page - Texas Instruments UCC28630DR Datasheet HTML 14Page - Texas Instruments UCC28630DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
VIN(avg) = VRMS ×
2 × ¾2
N
tSTART = RHV × CVDD × ln
F
VIN
:avg;
VIN
:avg; . VDD:start_max;G
SD
GND
VSENSE
CS
HV
VDD
DRV
UCC28630
1
2
3
4
8
6
5
EMC
Filter
RHV
VAC
UCC28630
www.ti.com
SLUSBW3A – MARCH 2014 – REVISED MARCH 2014
8.3 Feature Description
The application designer requires some key device internal parameters in order to calculate the required power
stage components and values for a given design specification . Table 5 summarizes the key parameters.
8.3.1 High-Voltage Current Source Start-Up Operation
The controller includes a switched, high-voltage, current source on the HV terminal to allow fast start-up, and
eliminates the static power dissipation in a conventional resistive start-up approach. This feature reduces standby
power consumption.
The HV terminal has three major functions:
Supply the device start-up current
Supply the device bias power from the AC line during latched fault mode
AC sense input for X-capacitor discharge detect
The input supply to the HV start-up terminal must be connected to the AC side of the bridge rectifier as shown in
Figure 15, in order to support X-capacitor discharge. More details are given in Active X-Capacitor Discharge,
below. Connection to the AC side of the bridge also allows faster detection of AC mains removal under latched
fault conditions, allowing prompt reset of latched faults for fast restart.
Figure 15. HV Terminal Connection to AC Side of Diode Bridge
The addition of the 200-k
Ω external HV resistance (required for X-capacitor discharge sensing) limits the
available charging current for the external bias supply input capacitor. However, for typical values of between 22
µF and 33 µF of input capacitance, start-up bias times of less than 1.5 s are achievable at 90 VAC. Start-up time
can be estimated using Equation 1.
where
(1)
For 90 VAC, if CVDD = 22 µF and worst case VDD(start_max) = 16.5 V, then tSTART is 1.002 s.
Figure 16 illustrates the start-up behavior of the controller. The HV current source has built-in short-circuit
protection that limits the initial charge current out of the bias voltage terminal until the bias voltage reaches
VDD(sc). This limits the power dissipated in the HV current source in the event of a short circuit on the VDD
terminal. Thereafter, the HV current source switches to full available current. The controller remains in a low-
power, start-up mode until the bias voltage reaches VDD(start), after which the HV current source is turned off and
the controller initiates a start-up sequence.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC28630


Similar Part No. - UCC28630DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630DR TI-UCC28630DR Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28630DR TI1-UCC28630DR Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28630DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com