Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88141AP Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB88141AP
Description  D/A Converter for Digital Tuning (Compatible with I2C Bus)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88141AP Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB88141AP Datasheet HTML 7Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 8Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 9Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 10Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 11Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 12Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 13Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 14Page - Fujitsu Component Limited. MB88141AP Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MB88141A
11
(4) Channel Selection (8 bits)
( ): When using D/A converter 8 channel, I/O expander 4 bit operation.
× : Don’t Care
(5) D/A Data (8 bits)
Same as “1 (5) D/A Data (8 bits)”.
(6) I/O Expander Continuous Operation
I2C bus input
→ parallel data output
C7
C6
C5
C4
C3
C2
C1
C0
Channel select
×
×
×
×
0
0
0
0
I/O expander operation
×
×
×
×
0
0
0
1
AO1 selected
×
×
×
×
0
1
0
0
AO4 selected
×
×
×
×
0
1
0
1
Don’t care (AO5 selected)
×
×
×
×
1
0
0
0
Don’t care (AO8 selected)
×
×
×
×
1001
Don’t Care
×
×
×
×
1110
Don’t Care
×
×
×
×
1
1
1
1
I/O expander continuous operation
Note: In continuous operation, operation continues until start and stop conditions are acknowledged.
Parallel data input
→ I2C bus output
S
Slave
address
0A
X X X X1 1 1 1
A
Digital data
A
Digital data
A
P
S
Slave
address
1
A
Digital data
A
Digital data
A
Digital data
A
P
: Sent from master device
: Sent from MB88141A (slave device)
S
: “Start” condition
P
: “Stop” condition
A
: “Acknowledge” output


Similar Part No. - MB88141AP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141P FUJITSU-MB88141P Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141PF FUJITSU-MB88141PF Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
MB88141PFV FUJITSU-MB88141PFV Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
More results

Similar Description - MB88141AP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
logo
Fujitsu Component Limit...
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Sony Corporation
CXA1315M SONY-CXA1315M Datasheet
308Kb / 11P
   8-bit D/A Converter Supporting with I2C Bus
logo
Fujitsu Component Limit...
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com