Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28600DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600DR
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600DR Datasheet(HTML) 2 Page - Texas Instruments

  UCC28600DR Datasheet HTML 1Page - Texas Instruments UCC28600DR Datasheet HTML 2Page - Texas Instruments UCC28600DR Datasheet HTML 3Page - Texas Instruments UCC28600DR Datasheet HTML 4Page - Texas Instruments UCC28600DR Datasheet HTML 5Page - Texas Instruments UCC28600DR Datasheet HTML 6Page - Texas Instruments UCC28600DR Datasheet HTML 7Page - Texas Instruments UCC28600DR Datasheet HTML 8Page - Texas Instruments UCC28600DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
UCC28600
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
www.ti.com
DESCRIPTION (CONT.)
The Design Calculator, (Texas Instruments Literature number SLVC104), located in the Tools and Software
section of the UCC28600 product folder, provides a user-interactive iterative process for selecting recommended
component values for an optimal design.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
UCC28600
UNIT
VDD
Supply voltage range
IDD < 20 mA
32
V
IDD
Supply current
20
mA
IOUT(sink)
Output sink current (peak)
1.2
A
IOUT(source)
Output source current (peak)
-0.8
Analog inputs
FB, CS, SS
-0.3 to 6.0
V
VOVP
-1.0 to 6.0
IOVP(source)
-1.0
mA
VSTATUS
VDD = 0 V to 30 V
30
V
Power dissipation
SOIC-8 package, TA = 25°C
650
mW
TJ
Operating junction temperature range
–55 to 150
Tstg
Storage temperature
–65 to 150
°C
TLEAD
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages
are with respect to GND. Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the databook
for thermal limitations and considerations of packages.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Input voltage
21
V
IOUT
Output sink current
0
A
TJ
Operating junction temperature
-40
105
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model
2000
V
CDM
1500
2
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600DR TI1-UCC28600DR Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DRG4 TI1-UCC28600DRG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com