Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28600DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600DR
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600DR Datasheet(HTML) 3 Page - Texas Instruments

  UCC28600DR Datasheet HTML 1Page - Texas Instruments UCC28600DR Datasheet HTML 2Page - Texas Instruments UCC28600DR Datasheet HTML 3Page - Texas Instruments UCC28600DR Datasheet HTML 4Page - Texas Instruments UCC28600DR Datasheet HTML 5Page - Texas Instruments UCC28600DR Datasheet HTML 6Page - Texas Instruments UCC28600DR Datasheet HTML 7Page - Texas Instruments UCC28600DR Datasheet HTML 8Page - Texas Instruments UCC28600DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
UCC28600
www.ti.com
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
VDD = 15 V, 0.1-
μF capacitor from VDD to GND, 3.3-nF capacitor from SS to GND charged over 3.5 V, 500-Ω resistor from
OVP to -0.1 V, FB = 4.8 V, STATUS = not connected, 1-nF capacitor from OUT to GND, CS = GND, TA = -40°C to 105°C,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overall
ISTARTUP
Startup current
VDD = VUVLO -0.3 V
12
25
μA
ISTANDBY
Standby current
VFB = 0 V
350
550
Not switching
2.5
3.5
IDD
Operating current
mA
130 kHz, QR mode
5.0
7.0
VDD clamp
FB = GND, IDD = 10 mA
21
26
32
V
Undervoltage Lockout
VDD(uvlo)
Startup threshold
10.3
13.0
15.3
Stop threshold
6.3
8
9.3
V
ΔVDD(uvlo)
Hysteresis
4.0
5.0
6.0
PWM (Ramp)(1)
DMIN
Minimum duty cycle
VSS = GND, VFB = 2 V
0%
DMAX
Maximum duty cycle
QR mode, fS = max, (open loop)
99%
Oscillator (OSC)
fQR(max)
Maximum QR and DCM frequency
117
130
143
fQR(min)
Minimum QR and FFM frequency
VFB = 1.3 V
32
40
48
kHz
fSS
Soft start frequency
VSS = 2.0 V
32
40
48
dTS/dFB
VCO gain
TS for 1.6 V < VFB < 1.8 V
-38
-30
-22
μs/V
Feedback (FB)
RFB
Feedback pullup resistor
12
20
28
k
VFB
FB, no load
QR mode
3.30
4.87
6.00
Green-mode ON threshold
VFB threshold
0.3
0.5
0.7
Green-mode OFF threshold
VFB threshold
1.2
1.4
1.6
Green-mode hysteresis
VFB threshold
0.7
0.9
1.1
V
FB threshold burst-ON
VFB during green mode
0.3
0.5
0.7
FB threshold burst-OFF
VFB during green mode
0.5
0.7
0.9
Burst Hysteresis
VFB during green mode
0.13
0.25
0.42
Status
RDS(on)
STATUS on resistance
VSTATUS = 1 V
1.0
2.4
3.8
k
ISTATUS(leakage)
STATUS leakage/off current
VFB = 0.44 V, VSTATUS = 15 V
-0.1
2.0
μA
(1)
RSCT and CCST are not connected in the circuit for maximum and minimum duty cycle tests, current sense tests and power limit tests.
Copyright
© 2005–2011, Texas Instruments Incorporated
3


Similar Part No. - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600DR TI1-UCC28600DR Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600DRG4 TI1-UCC28600DRG4 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com