Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43EX4X Datasheet(PDF) 2 Page - Texas Instruments

Part # TSB43EX4X
Description  IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43EX4X Datasheet(HTML) 2 Page - Texas Instruments

  TSB43EX4X Datasheet HTML 1Page - Texas Instruments TSB43EX4X Datasheet HTML 2Page - Texas Instruments TSB43EX4X Datasheet HTML 3Page - Texas Instruments TSB43EX4X Datasheet HTML 4Page - Texas Instruments TSB43EX4X Datasheet HTML 5Page - Texas Instruments TSB43EX4X Datasheet HTML 6Page - Texas Instruments TSB43EX4X Datasheet HTML 7Page - Texas Instruments TSB43EX4X Datasheet HTML 8Page - Texas Instruments TSB43EX4X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSB43Ex4x
SLLA275C – APRIL 2008 – REVISED FEBRUARY 2010
www.ti.com
Hardware Packet Formatting Standards
Additional Features
IEC61883-1 (General)
JTAG Interface to Support Post-Assembly
Scan of Device I/O – Boundary Scan
IEC61883-2 (SD-DVCR)
Unique "Binding" Method Protects
IEC61883-4 (MPEG2-TS)
Sensitive Data on the Circuit Board Traces
IEC61883-7 (ITU-R BO.1294 System B) –
at the External CPU Interface
DSS
Unique "EMI-AES Binding" Method
Generic 61883 Mode
Prevents Protected Data From Being
Asynchronous Packets
Transmitted in the Clear
Asynchronous Streams
PHY Packets (Including Self-IDs)
MPEG4 Supported Under IEC61883-4 (No
New Requirement for MPEG4 Over
IEEE Std 1394)
DESCRIPTION
The TSB43Ex42/43 is high-performance consumer electronics IEEE 1394 link layer and integrated physical layer
devices designed for digitally interfacing advanced video consumer electronics applications. It supports
formatting and transmission of IEC61883 data, including IEC61883-1 (general), IEC61883-2 (SD-DVCR),
IEC61883-4 (MPEG2-TS), and IEC61883-7 (ITU-R BO.1294 SystemB-DSS). The TSB43Ex42/43 also supports
standard IEEE 1394 data types, such as asynchronous, asynchronous streams, and PHY packets.
The TSB43EAxx/ECxx version incorporates DTCP (M6) baseline per the DTLA (5C) specification to support
transmit and receive of up to two MPEG2 transport streams with encryption and decryption. The
TSB43EAxx/ECxx version also includes hardware acceleration for content key generation.
The TSB43EBxx series are identical to the TSB43EAxx/ECxx series without implementation of the
encryption/decryption features. The TSB43EB42/43 devices allow customers that do not require the
encryption/decryption features to incorporate the TSB43Ex42/43 function without becoming DTLA licensees.
The TSB43Ex42/43 features an integrated 2-port/3-port PHY. The PHY operates at 100 Mbps, 200 Mbps, or 400
Mbps. They follow all requirements as stated in the IEEE 1394-1995 and IEEE 1394a-2000 standards.
NOTE
Designing with this device may require extensive support. Before incorporating this device
into a design, customers should contact TI or an Authorized TI Distributor.
ORDERING INFORMATION(1)(2)
NUMBER
PACKAGE
ORDERING NUMBER
AVAILABILITY
OF PHY
5C/Non-5C
VOLTAGE
PACKAGE
TYPE(3)
PORTS
TSB43EA42
Available
2
5C only
3.3 V/1.5 V
BGA 144
ZGU
TSB43EB42
Available
2
Non-5C
3.3 V/1.5 V
BGA 144
ZGU
TSB43EC42
Available
2
5C + AES
3.3 V/1.5 V
BGA 144
ZGU
TSB43EB43
To be released
3
Non-5C
3.3 V/1.5 V
BGA 144
ZGU
TSB43EA43
To be released
3
5C only
3.3 V/1.5 V
BGA 144
ZGU
TSB43EC43
To be released
3
5C + AES
3.3 V/1.5 V
BGA 144
ZGU
(1)
The devices in the shaded rows are available for order. Other devices are scheduled to be released.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(3)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated


Similar Part No. - TSB43EX4X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43Ex4x TI1-TSB43Ex4x Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43EX4X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com