Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43EA42 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSB43EA42
Description  IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43EA42 Datasheet(HTML) 1 Page - Texas Instruments

  TSB43EA42 Datasheet HTML 1Page - Texas Instruments TSB43EA42 Datasheet HTML 2Page - Texas Instruments TSB43EA42 Datasheet HTML 3Page - Texas Instruments TSB43EA42 Datasheet HTML 4Page - Texas Instruments TSB43EA42 Datasheet HTML 5Page - Texas Instruments TSB43EA42 Datasheet HTML 6Page - Texas Instruments TSB43EA42 Datasheet HTML 7Page - Texas Instruments TSB43EA42 Datasheet HTML 8Page - Texas Instruments TSB43EA42 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSB43Ex4x
www.ti.com
SLLA275C – APRIL 2008 – REVISED FEBRUARY 2010
IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
Data Sheet Extract, Rev 1.2
1
FEATURES
IEEE 1394 Features
External CPU Interfaces
Integrated 400/200/100-Mbps 2-Port/3-Port
Motorola 68K-Style 16-Bit Asynchronous
PHY
Interface
Compliant to IEEE Std 1394-1995 and
SRAM-Like 16-Bit Asynchronous Interface
IEEE Std 1394a-2000
PCI Interface (33 MHz) Compliant to PCI
Supports Bus Manager Functions and
Specification Version 3.0 (Supports PCI
Automatic 1394 Self-ID Verification
Slave and Master Function)
Separate Asynchronous ACK Buffers
DMA
Decrease ACK-Tracking Burden on External
Higher Asynchronous Throughput With
CPU
DMA Hardware Enhancements (Available in
DTCP and AES Encryption Support for
PCI Mode Only)
MPEG-DVB and DSS(TSB43EA42/43 and
Internal DMA Controller – Asynchronous,
TSB43EC42/43 Only)
Asynchronous Stream TX/RX
DTCP Encryption Support on IEEE Std 1394
General DMA
Bus
Auto Response DMA for SBP2
AES128 Encryption Support on HSDI Path
Transactions
(TSB43EC42/43 Only)
Data Buffers
Support for up to Two Encrypted/Decrypted
2 x 4K-Byte Isochronous Buffers for Video
Streams at One Time
Data
Full or Restricted AKE Performed With
2 x 2K-Byte Asynchronous/Asynchronous
Hardware Assist
Stream Transmit Buffers
Secure Loading of DTCP and AES128
2 x 2K-Byte Asynchronous/Asynchronous
Information Using External CPU Interface
Stream Receive Buffers
Localization Support Compliant With DTCP
1 x 1K-Byte Self-ID Buffer
Draft Revision 1.51
Insertion Buffers for MPEG-DVB/DSS
Video Interfaces
Packet Insertion
Two Configurable High-Speed Data Ports
Programmable Data/Space Available
for Video Data
Indicators for Buffer Flow Control
One Port Configurable As Parallel Or
Serial
One Port Serial Only
Pass-Through Modes for HSDI0 and HSDI1
Packet Insertion – Two Insertion Buffers
per HSDI for PAT, PMT, SIT, and DIT
Packets
PID Filtering (32 PID Filters per HSDI Port)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB43EA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42 TI1-TSB43EA42 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42ZGU TI-TSB43EA42ZGU Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43EA42ZGU TI1-TSB43EA42ZGU Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43EA42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com