Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3EIZAJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3EIZAJ
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3EIZAJ Datasheet(HTML) 1 Page - Texas Instruments

  TSB81BA3EIZAJ Datasheet HTML 1Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 2Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 3Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 4Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 5Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 6Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 7Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 8Page - Texas Instruments TSB81BA3EIZAJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Check for Samples: TSB81BA3E
1
FEATURES
Fully Supports Provisions of IEEE P1394b
Interface to Link-Layer Controller Supports
Revision 1.33+ at 1-Gigabit Signaling Rates
Low Cost TI Bus-Holder Isolation
Fully Supports Provisions of IEEE 1394a-2000
Interoperable With Link-Layer Controllers
and 1394-1995 Standard for High Performance
Using 3.3-V Supplies
Serial Bus
Interoperable With Other 1394 Physical Layers
Fully Interoperable With Firewire , i.LINK , and
(PHYs) Using 1.8-V, 3.3-V, and 5-V Supplies
SB1394 ™, Implementation of IEEE Std 1394
Low Jitter, External Crystal Oscillator Provides
Provides Three Fully Backward Compatible,
Transmit and Receive Data at 100/200/400/800
(1394a-2000 Fully Compliant) Bilingual P1394b
Mbits/s, and Link-Layer Controller Clock at
Cable Ports at up to 800 Megabits per Second
49.152 MHz and 98.304 MHz
(Mbits/s)
Separate Bias (TPBIAS) for Each Port
Provides Three 1394a-2000 Fully Compliant
Low Cost, High Performance 80-Pin TQFP
Cable Ports at 100/200/400 Mbits/s
(PFP) Thermally Enhanced Package and
Full 1394a-2000 Support Includes:
168-Pin ZAJ (BGA) Package
Connection Debounce
Software Device Reset (SWR)
Arbitrated Short Reset
Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports to
Multispeed Concatenation
Ensure That the TSB81BA3E Does Not Load
Arbitration Acceleration
the TPBIAS of Any Connected Device and
Fly-By Concatenation
Blocks any Leakage From the Port Back to
Port Disable/Suspend/Resume
Power Plane
Extended Resume Signaling for
The TSB81BA3E Has a 1394a-2000 Compliant
Compatibility With Legacy DV Devices
Common-Mode Noise Filter on the Incoming
Power-Down Features to Conserve Energy in
Bias Detect Circuit to Filter Out Cross-Talk
Battery Powered Applications
Noise
Low-Power Sleep Mode
The TSB81BA3E Is Port Programmable to
Force 1394a Mode to Allow Use of 1394a
Fully Compliant With Open Host Controller
Connectors (1394b Signaling Must Not Be Put
Interface (HCI) Requirements
Across 1394a Connectors or Cables)
Cable Power Presence Monitoring
Internal Voltage Regulator Option
Cable Ports Monitor Line Conditions for Active
Connection to Remote Node
Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link Active
Control Bit, and 1394a-2000 Features
Data Interface to Link-Layer Controller Pin
Selectable From 1394a-2000 Mode (2/4/8
Parallel Bits at 49.152 MHz) or 1394b Mode
(8 Parallel Bits at 98.304 MHz)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB81BA3EIZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3EIZAJ TI-TSB81BA3EIZAJ Datasheet
610Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3EIZAJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com