Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGEA-BFCR-A-0422J Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # KGEA-BFCR-A-0422J
Description  Emitter antenna housing plastic base with resin and outside connector unsealed & sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

KGEA-BFCR-A-0422J Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  KGEA-BFCR-A-0422J Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
KGEA-BFCR
Emitter antenna housing plastic base with resin and
outside connector unsealed & sealed
Characteristics:
The antenna KGEA-BFCR is designed for emission
of a LF
eld to allow hands free access towards
the Customer Device Identication for automotive
application. This type antenna is inserted in the vehicle
being integrated into the Access and Start Hand Free
Nomenclature description
Electrical diagram
145x26x12mm (33 µH - 500 µH)
subsystem for requirements Passive Entry and Remote keyless Go System. Housing plastic
base (materials PBT, PA-66 or ABS) assuring extreme conditions of humidity, liquids,
substance and extreme environments.
The connector (sealed and unsealed) is optional and it can be customized to required
features. Designed to allow long emitting-reading distances in the smallest volume.
- Ideally used in keyless smart entry system
- Transmitting low frequency LF (20kHz, 125kHz and 134kHz).
- Low tolerances in the resonance frequency LC
- High stability in temperature (-40ºC up to +85ºC).
- Connector located outside assembly housing plastic base (Optional).
- Long reading distances and average current 4-8App.
- Strong anchor points which provide an easy assembly and will ensure mechanical
robustness.
- Custom LCR value under demand.
L: Ferrite core coil inductance
R: Copper resistance and connection
C: Tunning internal capacitor NPO
Rdc: Optional parallel resistor
Z: External impedance
KGEA-BFCR
Mechanical dimensions
All dimensions are in mm
P/N
L
(mH)
Cres
(nF)
Q
SRF
(MHz)
Freq.
(kHz)
KGEA-BFCR-B-0108J
0.108 15,00 >110
>3
125@
KGEA-BFCR-B-0345J
0.345
4,7
>125
>3
125@
KGEA-BFCR-B-0500J
0.500
3.3
>125
>3
125@
KGEA-BFCR-C-0207J 0.207
6,8
>125
>3
134,2@
KGEA-BFCR-C-0426J 0.426
3,3
>125
>3
134,2@
KGEA-BFCR-A-0161J
0.161
330
>60
>1
20@
KGEA-BFCR-A-0422J
0.422
150
>65
>1
20@
This chart is a reference guide for the most common required
values at working frequency of 125 kHz. Any other inductance
value at LF or tighter tolerances can be provided. Please contact
our sales department for any inquiry.Sensitivity measured with
Helmholtz coils H=8.36 App/m @125 kHz. Contact us for
measurement speci cation
Electrical specications


Similar Part No. - KGEA-BFCR-A-0422J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-BFCR-A0161J PREMO-KGEA-BFCR-A0161J Datasheet
329Kb / 2P
   Emitter antenna housing plastic base with resing and outside connector unsealed & sealed
KGEA-BFCR-A0422J PREMO-KGEA-BFCR-A0422J Datasheet
329Kb / 2P
   Emitter antenna housing plastic base with resing and outside connector unsealed & sealed
KGEA-BFCR-A0634J PREMO-KGEA-BFCR-A0634J Datasheet
329Kb / 2P
   Emitter antenna housing plastic base with resing and outside connector unsealed & sealed
More results

Similar Description - KGEA-BFCR-A-0422J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
KGEA-BFCR PREMO-KGEA-BFCR Datasheet
329Kb / 2P
   Emitter antenna housing plastic base with resing and outside connector unsealed & sealed
KGEA-BFCWX PREMO-KGEA-BFCWX_14 Datasheet
72Kb / 1P
   Emitter Antenna housing plastic base-potted and outside connector unsealed & sealed.
KGEA-BFCWX PREMO-KGEA-BFCWX Datasheet
240Kb / 3P
   Emitter Antenna 103x20x9mm Housing plastic base-potted and outside connector unsealed&sealed
KGEA-BFCAM PREMO-KGEA-BFCAM Datasheet
285Kb / 3P
   Emitter Antenna Low Profile 85x13x7mm Housing plastic base-potted and outside connector unsealed & sealed
KGEA-BFCAM PREMO-KGEA-BFCAM_14 Datasheet
91Kb / 1P
   Keyless Go Emitter Antenna Low Prole Potted Unsealed & Sealed Connector
logo
List of Unclassifed Man...
JBXFD1G05MCSDSMR ETC2-JBXFD1G05MCSDSMR Datasheet
4Mb / 44P
   Sealed and Unsealed Push-Pull Connectors
logo
jb Capacitors Company
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
   NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
jb Capacitors Company
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com