Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86836PMT2 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB86836PMT2
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86836PMT2 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB86836PMT2 Datasheet HTML 1Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 2Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 3Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 4Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 5Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 6Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 7Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 8Page - Fujitsu Component Limited. MB86836PMT2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
DS07-05309-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
Microprocessor SPARClite
CMOS
32-bit Embedded Controller
MB86830 Series
MB86831/832/833/834/835/836
s DESCRIPTION
The MB86830 series is a SPARClite *1 series of RISC architecture processors, providing high performance for a
variety of embedded applications. Conforming to the SPARC *2 architecture, the MB86830 series is upward code-
compatible with the conventional products in the SPARClite family. When running at 100 MHz, the MB86830 series
provides performance of 121 VAX-MIPS.
The MB86830 series has on-chip data and instruction caches, allowing the processor to operate independently of
the wait time for external memory. The independent instruction bus and internal data bus serve as high-bandwidth
interfaces between the IU (integer unit) and caches. The MB86830 series also contains an internal multiplier circuit
that facilitates interfacing with external devices, thereby providing high performance with continuous cache hits. The
DRAM controller supports both of EDO and fast-page mode DRAMs. The interrupt controller (IRC) supports eight
channels of interrupts, allowing a trigger mode and mask to be set for each of the channels. To get the most out of
the system with a minimum number of external circuits, the MB86830 series supports chip select output, program-
mable wait state generator, and page mode DRAM interfaces.
The combination of these features of the MB86830 series achieves high levels of speed, flexibility, and efficiency,
making it a line of ideal controllers for a variety of low-cost, high-performance embedded systems.
*1 : SPARClite is a trademark of SPARC International, Inc. in the United States.
Fujitsu Microelectronics, Inc. has been granted permission to use the trademark.
*2 : SPARC is a registered trademark of SPARC International, Inc. in the United States.
SPARC is based on technology developed by Sun Microsystems, Inc.
s PACKAGE
176-pin plastic QFP
MB86831/832/834
144-pin plastic LQFP
MB86833/835/836
144-pin plastic FBGA
MB86836
(FPT-176P-M01)
(FPT-144P-M08)
(BGA-144P-M02)


Similar Part No. - MB86836PMT2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86836PMT2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com