Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0602-0900J Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # TP0602-0900J
Description  Micro SMD Hard Ferrite Transponder Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

TP0602-0900J Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  TP0602-0900J Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
TP0602
Micro SMD Hard Ferrite Transponder Inductor
Electrical specications
125KHz
20KHz
6.6x2.3x1.75 mm (2.38 mH - 10.8 mH)
P/N
L (mH)
Tolerance
Q
SRF (kHz)
Sensitivity
(mVpp/App/m)
TP0602-0238J
2.38
±5%
>35
>1000
>18
TP0602-0491J
4.91
±5%
>25
>600
>30
TP0602-0720J
7.20
±5%
>20
>450
>35
TP0602-0900J
9.00
±5%
>20
>300
>38
P/N
L (mH)
Tol.
Q (typ)
SRF
TP0602-124J
120
±5%
4.5
>100
TP0602-104J
100
±5%
5.0
>120
TP0602-823J
82
±5%
5.6
>140
TP0602-673J
67
±5%
6.5
>160
TP0602-563J
56
±5%
7.5
>190
TP0602-473J
47
±5%
8.0
>200
TP0602-333J
33
±5%
10
>200
Operating and test freq: 125KHz.
SRF: Self-resonant frequency of the coil.
C: Capacitor for tuning circuits (125khz).
This chart is a reference guide for the most common required values at
working frequency of 125 kHz. Any other inductance value at LF or tighter
tolerances can be provided. Please contact our sales department for any
inquiry.
Sensitivity measured with Helmholtz coils H=8.36 App/m @125 kHz.
Contact us for measurement speci cation.
transponder inductors page.
Dimensions
All dimensions in mm
Layout
Features
The TP0602 Series of Surface Mountable ferrite
wound inductor is a small transponder solution for
automotive applications like TPMS,Keyless Go and
Keyless entry systems.
- Size:6.6mm x 2.3mm x 1.75mm.
- Good mechanical performance.
- High sensitivity for 20KHz,40KHz and 125KHz
applications.
- Good perfomance in thermal shock test.
- Good cost/perfomance ratio.
- Available high inductance version for hearing aids
applications.
- Good solution for TPMS moulded solutions.
The TP0602 is the smaller SMD transponder coil
available in the market.
- This component is also functional to 20kHz and
134kHz.


Similar Part No. - TP0602-0900J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TP0602-0900J PREMO-TP0602-0900J Datasheet
231Kb / 1P
   Micro SMD Hard Ferrite Transponder Inductor
More results

Similar Description - TP0602-0900J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TP0602 PREMO-TP0602 Datasheet
231Kb / 1P
   Micro SMD Hard Ferrite Transponder Inductor
TP0702CAP PREMO-TP0702CAP Datasheet
108Kb / 1P
   SMD CAP Hard Ferrite Transponder Inductor
TP0702 PREMO-TP0702_14 Datasheet
113Kb / 1P
   SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0702 PREMO-TP0702 Datasheet
197Kb / 1P
   SMD Hard Ferrite Mechanically Improved Transponder Inductor
TR1504 PREMO-TR1504 Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1102 PREMO-TR1102_14 Datasheet
129Kb / 1P
   SMD Ferrite Transponder Inductor
TR1102 PREMO-TR1102 Datasheet
429Kb / 2P
   SMD Ferrite Transponder Inductor
TR1102CAP PREMO-TR1102CAP Datasheet
93Kb / 1P
   SMD CAP Ferrite Transponder Inductor
TP0602-TC PREMO-TP0602-TC Datasheet
150Kb / 1P
   Micro SMD Hard Ferrite Telecoil
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com