Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12LV32 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB12LV32
Description  IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller for Computer Peripherals and Consumer Audio/Video Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV32 Datasheet(HTML) 1 Page - Texas Instruments

  TSB12LV32 Datasheet HTML 1Page - Texas Instruments TSB12LV32 Datasheet HTML 2Page - Texas Instruments TSB12LV32 Datasheet HTML 3Page - Texas Instruments TSB12LV32 Datasheet HTML 4Page - Texas Instruments TSB12LV32 Datasheet HTML 5Page - Texas Instruments TSB12LV32 Datasheet HTML 6Page - Texas Instruments TSB12LV32 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB12LV32
TSB12LV32I
SLLA215 – JUNE 2006
IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller for
Computer Peripherals and Consumer Audio/Video Electronics
Programmable Microcontroller Interface With
8-Bit or 16-Bit Data Bus, Multiple Modes of
Compliant With IEEE 1394-1995 Standards
Operation Including Burst Mode, and Clock
and 1394a-2000 Supplement for High
Frequency to 60 MHz
Performance Serial Bus1
8-Bit or 16-Bit Data-Mover Port (DM Port)
Supports Transfer Rates of 400, 200, or 100
Supports Isochronous, Asynchronous, and
Mbps
Asynchronous Streaming Transmit/Receive
Compatible With Texas Instruments Physical
From an Unbuffered Port at a Clock
Layer Controllers (Phys)
Frequency of 25 MHz.
Supports the Texas Instruments Bus Holder
Backward Compatible With All
Galvanic Isolation Barrier
TSB12LV31(GPLynx) Microcontroller and
Glueless Interface to 68000 and ColdFire
Data-Mover Functionality in Hardware
Microcontrollers/Microprocessors
Two-Channel Support for Isochronous
Supports ColdFire Burst Transfers
Receive to Unbuffered 8/16 Data-Mover Port
2-Kbyte General Receive FIFO (GRF)
Four-Channel Support for Isochronous
Accessed Through Microcontroller Interface
Transmit From Unbufferred 8/16 Bit
Supports Asynchronous and Isochronous
Data-Mover Port
Receive.
Single 3.3-V Supply Operation With 5-V
2-Kbyte Asynchronous Transmit FIFO (ATF)
Tolerance Using 5-V Bias Terminals
Accessed Through Microcontroller Interface
High Performance 100-Pin PZ Package
Supports Asynchronous Transmissions.
NOTE:
Implements technology covered by one or more patents
of Apple Computer, Incorporated and SGS Thomson,
Limited.
The TSB12LV32 (GP2Lynx) is a high-performance general-purpose IEEE 1394a-2000 link-layer controller (LLC)
with the capability of transferring data between the 1394 Phy-link interface, an external host controller, and an
external device connected to the data-mover port (local bus interface). The 1394 Phy-link interface provides the
connection to a 1394 physical layer device and is supported by the LLC. The LLC provides the control for
transmitting and receiving 1394 packet data between the microcontroller interface and the Phy-link interface via
internal 2-Kbyte FIFOs at rates up to 400 Mbps. The TSB12LV32 transmits and receives correctly formatted
1394 packets, generates and detects the 1394 cycle start packets, communicates transaction layer transmit
requests to the Phy, and generates and inspects the 32-bit cyclic redundancy check (CRC).
The TSB12LV32 is capable of being 1394 cycle master (CM), 1394 bus manager, 1394 isochronous resource
manager (IRM) if additional control status registers (CSRs) are added via the external host controller, and
supports reception of 1394 isochronous data on two channels and transmission of 1394 isochronous data on
four channels.
The
TSB12LV32
supports
a
direct
interface
to
many
microprocessors/microcontrollers
by
including
programmable endian swapping. TSB12LV32 has a generic 16-/8-bit host bus interface which includes support
for a ColdFireE microcontroller mode at rates up to 60 MHz. The microcontroller interface can operate in byte or
word (16 bit) accesses.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSB12LV32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32I TI-TSB12LV32I Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32IPZ TI-TSB12LV32IPZ Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32PZ TI-TSB12LV32PZ Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
More results

Similar Description - TSB12LV32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com