Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB-6LU Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # VFB-6LU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-6LU Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  VFB-6LU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 8Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FTR-K1 SERIES
1. General Information
All signal and power relays produced by Fujitsu Components are compliant with RoHS directive 2002/95EC
including amendments.
Cadmium as used in electrical contacts is exempted from the RoHS directives on October 21st, 2005.
(Amendment to Directive 2002/95/EC)
All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info for older date codes
at: http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf
Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified.
This material has been verified to be compatible with PbSn assembly process.
2. Recommended Lead Free Solder Profile
Recommended solder Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Information
3. Moisture Sensitivity
Moisture Sensitivity Level standard is not applicable to electromechanical relays, unless otherwise indicated.
4. Tin Whiskers
Dipped SnAgCu solder is known as presenting a low risk to tin whisker development. No considerable length
whisker was found by our in house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C solder bath
Solder by Soldering Iron:
Soldering Iron
Temperature:
maximum 360˚C
Duration:
maximum 3 sec.
VF SERIES


Similar Part No. - VFB-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFB-6LU FUJITSU-VFB-6LU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
More results

Similar Description - VFB-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com