Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFB-6LU Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # VFB-6LU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-6LU Datasheet(HTML) 9 Page - Fujitsu Component Limited.

  VFB-6LU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 8Page - Fujitsu Component Limited. VFB-6LU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Fujitsu:
VFP-24LU VFP-12MU VFP-24MU VFB-6MU VFP-60LU VFP-60MU VFP-60HU VFB-3MU VF-12HU VF-12LU
VFB-3HU VFB-3LU VF-12MU VF-3HU VFD-5MU VFD-18MU VF-3LU VFD-6MU VFB-18HU VFB-60MU VFP-
5MU VFP-5LU VF-48MU VFB-48MU VFB-48LU VFB-48HU VFB-5MU VFB-5LU VFB-9MU VF-18LU VFB-9LU
VFB-9HU VF-18MU VF-18HU VFB-5HU VF-9HU VF-9MU VFD-3LU VFD-24LU VFD-24HU VFD-3HU VF-24MU
VF-60MU VFD-3MU VF-48HU VF-48LU VFB-12MU VFB-12LU VFB-12HU VF-5HU VF-5MU VF-5LU VFD-
60LU VFD-60HU VFP-12LU VFD-9LU VFD-9HU VFD-9MU VFB-60LU VFB-60HU VFP-18HU VFP-18LU VFB-
24MU VFD-48HU VFB-24HU VFB-24LU VFD-48LU VFD-24MU VFP-6HU VFP-6LU VFP-6MU VF-24HU VF-
24LU VFP-12HU VFP-48MU VFP-48LU VFP-48HU VFD-5LU VFD-18LU VFD-5HU VFD-18HU VF-3MU VFP-
18MU VF-6MU VFD-6LU VFD-6HU VFD-60MU VF-60HU VF-60LU VFB-6LU VFB-6HU VFP-5HU VFP-3LU
VFP-3HU VFP-3MU VFP-9HU VFP-9LU VFP-9MU VFD-48MU VFD-12LU


Similar Part No. - VFB-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFB-6LU FUJITSU-VFB-6LU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
More results

Similar Description - VFB-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com