Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86836PBT Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB86836PBT
Description  32-bit Embedded Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB86836PBT Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB86836PBT Datasheet HTML 7Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 8Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 9Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 10Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 11Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 12Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 13Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 14Page - Fujitsu Component Limited. MB86836PBT Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
MB86830 Series
11
(Continued)
(Continued)
Symbol
Pin name
I/O
Function
D<31:0>
DATA BUS
I/O
Data bus signal.
This pin provides a bidirectional data bus used for instruction fetch,
data load, and data store operations. Instructions and word data must
be aligned at addresses which are multiples of the number 4.
Half words and double words must be aligned at addresses which are
multiples of the numbers 2 and 8, respectively. D<7:0> and D<15:0>
are used in the 8-bit and 16-bit bus modes, respectively. For use in the
16-bit bus mode, a pull-up resistor must be connected to the data bus
which is not used (D<31:8> for the 8-bit bus and D<31:16> for the 16-
bit bus).
AS#
ADDRESS
STROBE
I/O
Address strobe signal.
This pin outputs the “L” level signal for the first bus cycle. Basically, the
bus cycle starts with the AS# signal asserted and ends up with the
READY# or RDYOUT# signal asserted.
In the bus grant state, the pin serves as an input used for the signals to
actuate the CS generator and wait state generator circuits.
RDWR#
READ/WRITE
BUS
TRANSACTION
I/O
Read/write signal.
This pin outputs the “L” level signal when the current bus cycle is the
write cycle or the “H” level signal when it is the read or idle cycle. The
output level remains at “H” or“L” during the entire bus cycle from the be-
ginning to end.
In the bus grant state, the pin serves as an input used for generating
the DWE0#-DWE3# and DOE# signals to enable the DRAM controller.
The signal at this pin is not used when the DRAM controller is disabled.
BE0#
BE1#
BE2#
BE3#
BYTE ENABLE
O
O
I/O
O
Bye enable signals.
These pins are used to indicate the bytes valid for in write mode when
the 32-bit bus width is used.
In read mode, all of the BE0# to BE3# signals are asserted regardless
of the data type. For the 8-bit or 16-bit bus width, the BE2# and BE3#
pins output ADR<1> and ADR<0>, respectively.
The BE0# to BE3# pins remain enabled during the bus cycle; the out-
put level during the idle cycle is not guaranteed.
In the bus grant state, the pins enter the High-Z state and, only when
the DRAM controller is on with the 16-bit bus width used, the BE2# pin
serves as the ADR<1> input pin.
(Continued)
Width of
bus
Access type
BE0#
BE1#
BE2#
BE3#
Width of
32-bits
bus
Write
Byte-0 (D<31:24>) *
0
1
1
1
Byte-1 (D<23:16>)
1
0
1
1
Byte-2 (D<15:8>)
1
1
0
1
Byte-3 (D<7:0>)
1
1
1
0
Half word-0(D<31:16>)
0
0
1
1
Half word-1(D<15:0>)
1
1
0
0
Word
0000
Read
All data types
0
0
0
0


Similar Part No. - MB86836PBT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB86 MCC-MB86 Datasheet
78Kb / 2P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86 MCC-MB86 Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB86-BP MCC-MB86-BP Datasheet
123Kb / 3P
   8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Fujitsu Component Limit...
MB86029 FUJITSU-MB86029 Datasheet
433Kb / 14P
   TV/VCR D/A Converter (3 ch, 8 bit)
MB86040 FUJITSU-MB86040 Datasheet
151Kb / 7P
   CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT
More results

Similar Description - MB86836PBT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1632 MICROCHIP-MEC1632 Datasheet
5Mb / 636P
   Low Power 32-Bit Mobile Embedded Controller
logo
NXP Semiconductors
MC68EC030 NXP-MC68EC030 Datasheet
523Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
Rev. 1
logo
Freescale Semiconductor...
MC68EC030FE40C FREESCALE-MC68EC030FE40C Datasheet
387Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
MC68EC030 FREESCALE-MC68EC030 Datasheet
394Kb / 36P
   Second-Generation 32-Bit Enhanced Embedded Controller
logo
Microchip Technology
MEC1633 MICROCHIP-MEC1633 Datasheet
320Kb / 11P
   Low Power 32-Bit Mobile Embedded Controller
03/25/14
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com