Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN6501-Q1
Description  Transformer Driver for Isolated Power Supplies
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN6501-Q1_14 Datasheet HTML 7Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 8Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 9Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 10Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 11Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 12Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 13Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 14Page - Texas Instruments SN6501-Q1_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SN6501-Q1
www.ti.com
SLLSEF3 – JUNE 2013
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 3 through Figure 8 are measured with Circuit in Figure 51 at TP1; whereas, Typical Curves in
Figure 9 through Figure 38 are measured with Circuit in Figure 52 at TP1 and TP2 (TA = 25°C unless otherwise noted).
See Table 2 and Table 3 for Transformer Specifications.
Figure 27. Output Voltage vs Load Current
Figure 28. Efficiency vs Load Current
Figure 29. Output Voltage vs Load Current
Figure 30. Efficiency vs Load Current
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :SN6501-Q1


Similar Part No. - SN6501-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
More results

Similar Description - SN6501-Q1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
   500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
   1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com