Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501-Q1
Description  Transformer Driver for Isolated Power Supplies
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN6501-Q1 Datasheet HTML 1Page - Texas Instruments SN6501-Q1 Datasheet HTML 2Page - Texas Instruments SN6501-Q1 Datasheet HTML 3Page - Texas Instruments SN6501-Q1 Datasheet HTML 4Page - Texas Instruments SN6501-Q1 Datasheet HTML 5Page - Texas Instruments SN6501-Q1 Datasheet HTML 6Page - Texas Instruments SN6501-Q1 Datasheet HTML 7Page - Texas Instruments SN6501-Q1 Datasheet HTML 8Page - Texas Instruments SN6501-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SN6501-Q1
SLLSEF3 – JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over full-range of recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 3.3 V ± 10%, See Figure 2
1
3
RDS(ON)
Switch-on resistance
Ω
VCC = 5 V ± 10%, See Figure 2
0.6
2
VCC = 3.3 V ± 10%, no load
150
400
ICC
Average supply current(1)
uA
VCC = 5 V ± 10%, no load
300
700
fST
Startup frequency
VCC = 2.4 V, See Figure 2
300
kHz
VCC = 3.3 V ± 10%, See Figure 2
250
360
495
fSW
D1, D2 Switching frequency
kHz
VCC = 5 V ± 10%, See Figure 2
300
410
620
VCC = 3.3 V ± 10%, See Figure 2
70
tr-D
D1, D2 output rise time
ns
VCC = 5 V ± 10%, See Figure 2
80
VCC = 3.3 V ± 10%, See Figure 2
110
tf-D
D1, D2 output fall time
ns
VCC = 5 V ± 10%, See Figure 2
60
VCC = 3.3 V ± 10%, See Figure 2
150
tBBM
Break-before-make time
ns
VCC = 5 V ± 10%, See Figure 2
50
(1)
Average supply current is the current used by SN6501-Q1 only. It does not include load current.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :SN6501-Q1


Similar Part No. - SN6501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
More results

Similar Description - SN6501-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
   500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
   1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com