Electronic Components Datasheet Search |
|
TMS370C310AFNA Datasheet(PDF) 6 Page - Texas Instruments |
|
TMS370C310AFNA Datasheet(HTML) 6 Page - Texas Instruments |
6 / 52 page TMS370Cx1x 8-BIT MICROCONTROLLER SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997 6 POST OFFICE BOX 1443 HOUSTON, TEXAS 77251--1443 central processing unit (CPU) (continued) Figure 1 illustrates the CPU registers and memory blocks. Reserved† Peripheral File Not Available‡ 100Fh 1010h 1F00h 1FFFh 2000h 5FFFh 6000h 77FFh 7800h Interrupts and Reset Vectors; Trap Vectors 104Fh 1050h 1EFFh Reserved† 7FFFh 0 RAM (Includes up to 256-Byte Registers File) 0 15 Program Counter 7 Legend: Z=Zero IE1=Level 1 interrupts Enable C=Carry V=Overflow N=Negative IE2=Level 2 interrupts Enable IE1 IE2 Z N C 0 1 2 3 4 5 6 7 V Status Register (ST) Stack Pointer (SP) R0(A) R1(B) R3 R127 0000h 0001h 0002h 007Fh R255 0003h R2 00FFh 256-Byte Data EEPROM 2K-Byte ROM (7800h--7FFFh) 6FFFh 7000h 8K-Byte ROM/EPROM (6000h--7FFFh) 4K-Byte ROM (7000h--7FFFh) 7FC0h 7FBFh 128-Byte RAM (0000h--007Fh) 007Fh 0080h 00FFh 0100h 256-Byte RAM (0000h--00FFh) 0000h † Reserved means the address space is reserved for future expansion. ‡ Not available means the address space is not accessible. Figure 1. Programmer’s Model A memory map includes: D 128- or 256-byte general-purpose RAM that can be used for data memory storage, program instructions, general purpose register, or the stack D A peripheral file that provides access to all internal peripheral modules, system-wide control functions, and EEPROM/EPROM programming control D 256-byte EEPROM module, that provides in-circuit programmability and data retention in power-off conditions D 2K-, 4K-, or 8K-byte ROM or 8K-byte EPROM stack pointer (SP) The SP is an 8-bit CPU register. Stack operates as a last-in, first-out, read/write memory. Typically, the stack is used to store the return address on subroutine calls as well as the status register (ST) contents during interrupt sequences. The SP points to the last entry or top of the stack. The SP is incremented automatically before data is pushed onto the stack and decremented after data is popped from the stack. The stack can be placed anywhere in the on-chip RAM. |
Similar Part No. - TMS370C310AFNA |
|
Similar Description - TMS370C310AFNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |