Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C311AFNL Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370C311AFNL
Description  8-BIT MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C311AFNL Datasheet(HTML) 4 Page - Texas Instruments

  TMS370C311AFNL Datasheet HTML 1Page - Texas Instruments TMS370C311AFNL Datasheet HTML 2Page - Texas Instruments TMS370C311AFNL Datasheet HTML 3Page - Texas Instruments TMS370C311AFNL Datasheet HTML 4Page - Texas Instruments TMS370C311AFNL Datasheet HTML 5Page - Texas Instruments TMS370C311AFNL Datasheet HTML 6Page - Texas Instruments TMS370C311AFNL Datasheet HTML 7Page - Texas Instruments TMS370C311AFNL Datasheet HTML 8Page - Texas Instruments TMS370C311AFNL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370Cx1x devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY
(BYTES)
DATA MEMORY
(BYTES)
28 PIN PACKAGES
DEVICE
ROM
EPROM
RAM
EEPROM
28 PIN PACKAGES
TMS370C010A
4K
128
256
FN -- PLCC
N-- PDIP
TMS370C012A
8K
256
256
FN -- PLCC
N-- PDIP
TMS370C311A
2K
128
--
FN -- PLCC
N-- PDIP
TMS370C310A
4K
128
--
FN -- PLCC
N-- PDIP
TMS370C312A
8K
128
--
FN -- PLCC
N-- PDIP
TMS370C712A,
TMS370C712B
8K
256
256
FN -- PLCC
N--PDIP
SE370C712A,
SE370C712B
8K
256
256
FZ -- CLCC
JD -- CDIP
System evaluators and development are for use only in prototype environment and their reliability has not been characterized.
The suffix letter (A or B) appended to the device names shown in the device column of Tables 1 and 2 indicates
the configuration of the device. ROM or EPROM devices have different configurations as indicated in Table 2.
ROM devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (Standard oscillator)
Enabled
EPROM B
Hard
Divide-by-1 (PLL)
Enabled
Standard
ROM A
Hard
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
ROM A
Simple
Divide by 4 or Divide by 1 (PLL)
Enabled or disabled
Refer to the “device numbering conventions” section for device nomenclature and to the “device part numbers” section for ordering.
The 2K bytes, 4K bytes, and 8K bytes of mask-programmable ROM in the associated TMS370Cx1x devices
are replaced in the TMS370C712 with 8K bytes of EPROM. All other available memory and on-chip peripherals
are identical, with the exception of no data EEPROM on the TMS370C311, TMS370C310, and TMS370C312
devices. The OTP (TMS370C712) device and reprogrammable (SE370C712) device are available.
TMS370C712 OTP devices are available in plastic packages. This microcontroller is effective to use for
immediate production updates for other members of the TMS370Cx1x family or for low volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C712 has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development/prototyping phase of design. The SE370C712 devices allow quick updates to
breadboards and prototype systems while iterating initial designs.


Similar Part No. - TMS370C311AFNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C311AFNL TI1-TMS370C311AFNL Datasheet
663Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C311AFNL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com