Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP404 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP404
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP404 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP404 Datasheet HTML 2Page - Texas Instruments SN65LVCP404 Datasheet HTML 3Page - Texas Instruments SN65LVCP404 Datasheet HTML 4Page - Texas Instruments SN65LVCP404 Datasheet HTML 5Page - Texas Instruments SN65LVCP404 Datasheet HTML 6Page - Texas Instruments SN65LVCP404 Datasheet HTML 7Page - Texas Instruments SN65LVCP404 Datasheet HTML 8Page - Texas Instruments SN65LVCP404 Datasheet HTML 9Page - Texas Instruments SN65LVCP404 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
V
ODB(PP)
V
ODPE(PP)
SWITCHING CHARACTERISTICS
SN65LVCP404
SLLS700B – MARCH 2007 – REVISED JANUARY 2009 ................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Output preemphasis voltage
Px_2:Px_1 = 00
0
ratio,
Px_2:Px_1 = 01
3
RL = 100 Ω±1%;
V(PE)
x = L or S;
dB
Px_2:Px_1 = 10
6
See Figure 3
Px_2:Px_1 = 11
9
Output preemphasis is set to 9 dB during test
Preemphasis duration
Px_x = 1;
t(PRE)
175
ps
measurement
Measured with a 100-MHz clock signal;
RL = 100 Ω ±1%, See Figure 4
Differential on-chip termination between OUT+ and
ro
Output resistance
100
OUT–
CONTROL INPUTS
IIH
High-level Input current
VIN = VCC
5
µA
IIL
Low-level Input current
VIN = GND
-125
-90
µA
R(PU)
Pullup resistance
35
k
POWER CONSUMPTION
PD
Device power dissipation
All outputs terminated 100
560
750
mW
Device power dissipation in
PZ
All outputs in 3-state
600
mW
3-State
All outputs
PRBS 27-1 pattern at 4.25
ICC
Device current consumption
220
mA
terminated 100
Gbps
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
MULTIPLEXER
t(SM)
Multiplexer switch time
Multiplexer to valid output
3
6
ns
DIFFERENTIAL OUTPUTS
Low-to-high propagation
tPLH
0.5
0.7
ns
delay
Propagation delay input to output
See Figure 6
High-to-low propagation
tPHL
0.5
0.7
ns
delay
tr
Rise time
80
ps
20% to 80% of VO(DB); Test Pattern: 100-MHz clock signal;
See Figure 5 and Figure 8
tf
Fall time
80
ps
tsk(p)
Pulse skew, | tPHL – tPLH |
(2)
20
ps
tsk(o)
Output skew(3)
All outputs terminated with 100
25
100
ps
tsk(pp)
Part-to-part skew(4)
300
ps
tzd
3-State switch time to
Assumes 50
Ω to Vcm and 150 pF load on each output
20
ns
Disable
tze
3-State switch time to
Assumes 50
Ω to Vcm and 150 pF load on each output
10
ns
Enable
See Figure 8 for test circuit.
RJ
Device random jitter, rms
BERT setting 10–15
0.8
2
ps-rms
Alternating 10-pattern.
(1)
All typical values are at 25°C and with 3.3 V supply unless otherwise noted.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(o) is the magnitude of the time difference between the tPLH and tPHL of any two outputs of a single device.
(4)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP404


Similar Part No. - SN65LVCP404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404RGZR TI-SN65LVCP404RGZR Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404RGZR TI1-SN65LVCP404RGZR Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404RGZRG4 TI-SN65LVCP404RGZRG4 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com