Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P131PFM-101 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89P131PFM-101
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P131PFM-101 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89P131PFM-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 11Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 12Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 13Page - Fujitsu Component Limited. MB89P131PFM-101 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
MB89120/120A Series
10
s
s
s
s HANDLING DEVICES
1.
Preventing Latchup
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins
other than medium- and high- voltage pins, or if higher than the voltage which shows on “1. Absolute Maximum
Ratings” in “s ELECTRICAL CHARACTERISTICS” is applied between VCC and VSS.
When latchup occurs, power supply current increases rapidly, and might thermally damage elements. When
using, take great care not to exceed the absolute maximum ratings.
Also, take care to prevent the analog power supply (AVCC and AVR) and analog input from exceeding the digital
power supply (VCC) when the analog system power supply is turned on and off.
2.
Treatment of Unused Input Pins
Leaving unused input pins open could cause malfunctions. They should be connected to pull-up or pull-down
resistor.
3.
Treatment of N.C. Pins
Be sure to leave (internally connected) N.C. pins open.
4.
Power Supply Voltage Fluctuations
Although operation is assured within the rated range of VCC power supply voltage, a rapid fluctuation of the
voltage could cause malfunctions, even if it occurs within the rated range. Stabilizing voltage supplied to the IC
is therefore important. As stabilization guidelines, it is recommended to control power so that VCC ripple fluctu-
ations (P-P value) will be less than 10
% of the standard VCC value at the commercial frequency (50 to 60 Hz)
and the transient fluctuation rate will be less than 0.1 V/ms at the time of a momentary fluctuation such as when
power is switched.
5.
Precautions when Using an External Clock
When an external clock is used, oscillation stabilization time is required even for power-on reset (optional) and
release from stop mode.
6.
Turning on the supply voltage (only for the MB89P135A)
When the power supply is turned on if MB89P135A is used, power on sharply up to 2.0 V within 13 clock cycles
after starting of oscillation.
Further, various option may be set, if power supply up to keep this condition.


Similar Part No. - MB89P131PFM-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
364Kb / 42P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P131PFM-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com