Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89603 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89603
Description  8-bit Proprietary Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89603 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89603 Datasheet HTML 1Page - Fujitsu Component Limited. MB89603 Datasheet HTML 2Page - Fujitsu Component Limited. MB89603 Datasheet HTML 3Page - Fujitsu Component Limited. MB89603 Datasheet HTML 4Page - Fujitsu Component Limited. MB89603 Datasheet HTML 5Page - Fujitsu Component Limited. MB89603 Datasheet HTML 6Page - Fujitsu Component Limited. MB89603 Datasheet HTML 7Page - Fujitsu Component Limited. MB89603 Datasheet HTML 8Page - Fujitsu Component Limited. MB89603 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MB89601R Series
3
(Continued)
*1: The piggyback/evaluation product is applicable to the MB89620 series.
*2: Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• On the MB89601R, MB89603, MB89P601, upper than 0140H of each register bank cannot be used.
• The stack area, etc., is set at the upper limit of the RAM.
• External area is used.
2. Current Consumption
• In the case of the MB89PV620, add the current consumed by the EPROM which is connected to the top socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in sleep/stop modes is the same. (For more information, see sections
“s Electrical Characteristics” and “s Example Characteristics.”)
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check “s Mask Options.”
Take particular care on the following point:
• Options are fixed on the MB89PV620 and MB89P601.
MB89603
MB89P601
MB89PV620*1
Standby mode
Sleep mode, stop mode
Process
CMOS
Operating voltage*1
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20TV
MBM27C256A-20CZ
Package
MB89601R
MB89603
MB89P601
MB89PV620
DIP-48P-M05
×
MDP-64C-P02
×
MQP-64C-P01
×
MB89601R
Part number
Parameter


Similar Part No. - MB89603

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89613R FUJITSU-MB89613R Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
MB89613RP-SH FUJITSU-MB89613RP-SH Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
MB89613RPF FUJITSU-MB89613RPF Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
MB89613RPFM FUJITSU-MB89613RPFM Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
MB89613RPFV FUJITSU-MB89613RPFV Datasheet
665Kb / 44P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89603

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com