Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

760-0107-FP Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 760-0107-FP
Description  For TV / VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

760-0107-FP Datasheet(HTML) 1 Page - Oscilent Corporation

  760-0107-FP Datasheet HTML 1Page - Oscilent Corporation 760-0107-FP Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL CHARACTERISTICS / PART NUMBER GUIDE
.
.
.
Filters
Series Number
Package
Description
Last Modified
760
Ceramic Filter
10.7 MHz
Jan. 01 2007
Filter FEATURES
- Ceramic Filter for FM Receiver
- Low Loss
- Wide / Narrow Bandwidths
- RoHS Compliant
Ceramic Filter for FM Receiver
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A5
280 ±50
650
6
30
330
760-0107-S2
230 ±50
600
6
40
330
760-0107-S3
180 ±50
520
7
40
330
Low-Loss Type Ceramic Filter
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A5A10
280 ±50
590
2.5 ±2.0
30
330
760-0107-S2A10
230 ±50
520
3.0 ±2.0
35
330
760-0107-S3A10
180 ±50
470
3.5 ±1.5
35
330
760-0107-JA10
150 ±50
360
4.5 ±2.0
35
330
Wide/Narrow Bandwidth Ceramic Filter
Part Number
3 dB
Bandwidth
20 dB
Bandwidth
Insertion
Loss
Spurious
Attenuation
(9 ~ 12 KHz)
In/Out Impedance
KHz min.
KHz max.
dB max.
dB min.
ohm
760-0107-A19
350
950
3.0 ±2.0
20
470
760-0107-A20
330 ±50
680
4.0 ±2.0
30
330
760-0107-HY
110 ±30
350
7.0 ±2.0
30
330
760-0107-FP
20
95
6.0
24(10.7 ±1.0MHz)
600
Page 1 of 2
Oscilent Corporation | 760 Series Ceramic Filter


Similar Part No. - 760-0107-FP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   Ceramic Filter 10.7 MHz
More results

Similar Description - 760-0107-FP

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Texas Instruments
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com