Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89589B Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89589B
Description  8-bit Proprietary Microcontrollers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89589B Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89589B Datasheet HTML 2Page - Fujitsu Component Limited. MB89589B Datasheet HTML 3Page - Fujitsu Component Limited. MB89589B Datasheet HTML 4Page - Fujitsu Component Limited. MB89589B Datasheet HTML 5Page - Fujitsu Component Limited. MB89589B Datasheet HTML 6Page - Fujitsu Component Limited. MB89589B Datasheet HTML 7Page - Fujitsu Component Limited. MB89589B Datasheet HTML 8Page - Fujitsu Component Limited. MB89589B Datasheet HTML 9Page - Fujitsu Component Limited. MB89589B Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MB89580B/580BW series
6
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Pin name
Circuit
type
Function
1
P44/UCK/D4/
DO4
E
General-purpose CMOS I/O pin
UART/S10 clock I/O
This pin also serves as a parallel interface/external FIFO data output pin.
2
P45/UO/D5/
DO5
B
General-purpose CMOS I/O pin
UART/S10 serial data output
This pin also serves as a parallel interface/external FIFO data output pin.
3
P46/UI/
PWM1/D6/
DO6
E
General-purpose CMOS I/O pin
UART/S10 serial data input
PWM timer
This pin also serves as a parallel interface/external FIFO data output pin.
4
P47/PWM2/
D7/DO7
B
General-purpose CMOS I/O pin
PWM timer
This pin also serves as a parallel interface/external FIFO data output pin.
5
P30/INT0/
CLK
E
General-purpose CMOS I/O pin
Clock output pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
6
P31/INT1
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
7
P32/INT2
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
8
P33/INT3
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
9
P34/INT4
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
10
P35/INT5
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
11
P36/INT6/
WEX
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
This pin also serves as the parallel interface write strobe input pin.
12
P37/INT7/
RDX
E
General-purpose CMOS I/O pin
This pin also serves as an external interrupt input pin.
The external interrupt input is a hysteresis input. (Level detection)
This pin also serves as the parallel interface read strobe input pin.
13
P50/OBF/
IBFX/W
B
General-purpose CMOS I/O pin
Interrupt output to the parallel interface host.
This pin also serves the OUT FIFO data strobe pin.


Similar Part No. - MB89589B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89589B FUJITSU-MB89589B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89589BPFM FUJITSU-MB89589BPFM Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89589B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com