Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P147V2P-SH Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89P147V2P-SH
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P147V2P-SH Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89P147V2P-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89P147V2P-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
MB89140 Series
(Continued)
• Low-voltage operation (when an A/D converter is not used)
• Low current consumption (compatible with dual-clock system)
• High-voltage ports on chip
• Five types of timers
8-bit PWM timer (also usable as a reload timer)
12-bit MPG timer (also usable as a PPG output, PWM output, and reload timer)
8/16-bit timer (also usable as two 8-bit timers)
21-bit time-base timer
• One serial interface
Swichable transfer direction allows communication with various equipment.
• 10-bit A/D converter: 12 channels
Successive approximation type
• External interrupt: 2 channels
Two channels are independent and capable of wake-up from low-power consumption modes. (Rising edge,
falling edge/both edges selectability)
–0.3 V to +7.0 V can be applied to INT1 (N-ch open-drain)
• Low-power consumption modes
Stop mode (Oscillation stops to minimize the current consumption.)
Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
Subclock mode
Watch mode
• Reset output and power-on reset selectability


Similar Part No. - MB89P147V2P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P147V2P-SH FUJITSU-MB89P147V2P-SH Datasheet
510Kb / 44P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P147V2P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com