Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89153 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89153
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89153 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89153 Datasheet HTML 5Page - Fujitsu Component Limited. MB89153 Datasheet HTML 6Page - Fujitsu Component Limited. MB89153 Datasheet HTML 7Page - Fujitsu Component Limited. MB89153 Datasheet HTML 8Page - Fujitsu Component Limited. MB89153 Datasheet HTML 9Page - Fujitsu Component Limited. MB89153 Datasheet HTML 10Page - Fujitsu Component Limited. MB89153 Datasheet HTML 11Page - Fujitsu Component Limited. MB89153 Datasheet HTML 12Page - Fujitsu Component Limited. MB89153 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
MB89150/150A Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: FPT-80P-M05
*4: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1*3
MQFP*4
QFP*2
16
18
X0
A
Main clock oscillator pins
15
17
X1
18
20
MOD0
C
Operating mode selection pins
Connect directly to VSS.
17
19
MOD1
19
21
RST
D
Reset I/O pin
This pin is an N-ch open-drain output type with a pull-
up resistor and a hysteresis input type. “L” is output
from this pin by an internal reset source. The internal
circuit is initialized by the input of “L”.
20 to 27
22 to 29
P00/INT20 to
P07/INT27
E
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function).
External interrupt 2 input is hysteresis input.
28 to 31
30 to 33
P10/INT10 to
P13/INT13
E
General-purpose I/O ports
Also serve as external interrupt 1 input.
External interrupt 1 input is hysteresis input.
32 to 35
34 to 37
P14 to P17
F
General-purpose I/O ports
36
38
P20/EC
H
N-ch open-drain general-purpose I/O port
Also serves as the external clock input for the timer.
The peripheral is a hysteresis input type.
37
39
P21
I
N-ch open-drain general-purpose I/O port
38
40
P22/TO
I
N-ch open-drain general-purpose I/O port
Also serves as a timer output.
39
41
P23/SI
H
N-ch open-drain general-purpose I/O port
Also serves as the data input for the 8-bit serial I/O.
The peripheral is a hysteresis input type.
40
42
P24/SO
I
N-ch open-drain general-purpose I/O port
Also serves as the data output for the 8-bit serial I/O.
41
43
P25/SCK
H
N-ch open-drain general-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
The peripheral is a hysteresis input type.
42
44
P26
I
N-ch open-drain general-purpose I/O port
43
45
P27/BUZ
I
N-ch open-drain general-purpose I/O port
Also serves as a buzzer output.


Similar Part No. - MB89153

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB89101BAN MURATA-MB89101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101BBN MURATA-MB89101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CAN MURATA-MB89101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CBN MURATA-MB89101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101DAN MURATA-MB89101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB89153

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com