Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89153 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89153
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89153 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89153 Datasheet HTML 6Page - Fujitsu Component Limited. MB89153 Datasheet HTML 7Page - Fujitsu Component Limited. MB89153 Datasheet HTML 8Page - Fujitsu Component Limited. MB89153 Datasheet HTML 9Page - Fujitsu Component Limited. MB89153 Datasheet HTML 10Page - Fujitsu Component Limited. MB89153 Datasheet HTML 11Page - Fujitsu Component Limited. MB89153 Datasheet HTML 12Page - Fujitsu Component Limited. MB89153 Datasheet HTML 13Page - Fujitsu Component Limited. MB89153 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MB89150/150A Series
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: FPT-80P-M05
*4: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1*3
MQFP*4
QFP*2
48
50
P32
J
Functions as an N-ch open-drain general-purpose
output port only in the products without a booster.
C0
Functions as a capacitor connection pin in the
products with a booster.
47
49
P31
J
Functions as an N-ch open-drain general-purpose
output port only in the products without a booster.
C1
Functions as a capacitor connection pin in the
products with a booster.
46
48
P30/RCO
G
General-purpose output-only port
Also serves as a remote control transmission output.
14
16
P57/SEG35
J/K
N-ch open-drain general-purpose output ports
Also serve as LCD controller/driver segment output.
Switching between port and common output is done by
the mask option.
12 to 6
14 to 8
P56/SEG34 to
P50/SEG28
5 to 1
7 to 3
P47/SEG27 to
P43/SEG23
J/K
80,
79,
78
2,
1,
80
P42/SEG22,
P41/SEG21,
P40/SEG20
77 to 58
79 to 60
SEG19 to
SEG0
K
LCD controller/driver segment output-only pins
57 to 54
59 to 56
COM3 to COM0
K
LCD controller/driver common output-only pins
52 to 49
54 to 51
V3 to V0
LCD driving power supply pins
44
46
X0A
B
Subclock crystal oscillator pins (32.768 kHz)
45
47
X1A
53
55
VCC
Power supply pin
13
15
VSS
Power supply (GND) pin


Similar Part No. - MB89153

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB89101BAN MURATA-MB89101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101BBN MURATA-MB89101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CAN MURATA-MB89101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CBN MURATA-MB89101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB89101DAN MURATA-MB89101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB89153

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com