Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P131-101 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89P131-101
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P131-101 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89P131-101 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P131-101 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
DS07-12509-6E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89120/120A Series
MB89121/P131/123A/P133A/125A/P135A/
MB89PV130A
s
s
s
s DESCRIPTION
The MB89120 series is a line of single-chip microcontrollers containing a compact instruction set and a great
variety of peripheral functions such as a timer, serial interface, and external interrupt. The MB89120A series is
an extended variant of the MB89120, with a remote control transmission function and wake-up interrupt channels.
s
s
s
s FEATURES
•F2MC-8L family CPU core
• Low-voltage operation
• Low current consumption (allowing for dual clock)
• Minimum execution time : 0.95
µs at 4.2 MHz
• 21-bit timebase counter
• I/O ports : Max. 36 ports
• External interrupts : 3 channels
• External interrupts (wake-up function) : 8 channels (only in the MB89120A series)
• 8-bit serial I/O : 1 channel
• 8-/16-bit timer/counter : 1 channel
• Built-in remote-control transmitting frequency generator (only in the MB89120A series)
• Low-power consumption modes (stop mode, sleep mode, watch mode)
• Package : QFP-48
• CMOS technology
s
s
s
s PACKAGE
48-pin plastic QFP
(FPT-48P-M13)


Similar Part No. - MB89P131-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P131 FUJITSU-MB89P131 Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
MB89P131 FUJITSU-MB89P131 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
738Kb / 59P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
364Kb / 42P
   8-bit Proprietary Microcontroller
MB89P131PFM-101 FUJITSU-MB89P131PFM-101 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P131-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com