Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3299-ZJ Datasheet(PDF) 4 Page - NEC

Part # 2SK3299-ZJ
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3299-ZJ Datasheet(HTML) 4 Page - NEC

  2SK3299-ZJ Datasheet HTML 1Page - NEC 2SK3299-ZJ Datasheet HTML 2Page - NEC 2SK3299-ZJ Datasheet HTML 3Page - NEC 2SK3299-ZJ Datasheet HTML 4Page - NEC 2SK3299-ZJ Datasheet HTML 5Page - NEC 2SK3299-ZJ Datasheet HTML 6Page - NEC 2SK3299-ZJ Datasheet HTML 7Page - NEC 2SK3299-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14060EJ1V0DS00
4
2SK3299
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
150
2.0
0
0
100
−50
Tch - Channel Temperature - ˚C
3.0
1.0
VGS = 10 V
5.0 A
Pulsed
ID = 10 A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
1.5
1.0
0.5
0
100
10
1
0.1
0.01
Pulsed
0 V
VGS = 10 V
1000
100
10
1
0.1
10000
1000
100
10
1
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VGS= 0 V
f=1 MHz
VDS - Drain to Source Voltage - V
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
0.1
1
10
100
ID - Drain Current - A
100
10
1
0.1
VDD = 150 V
VGS = 10 V
RG = 10
td(off)
td(on)
tf
tr
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
1
10
100
0.1
ID - Drain Current - A
10
1
0.1
0.01
di/dt = 50 A/ s
VGS = 0 V
µ
QG - Gate Charge - nC
0
020
10
30
40
800
600
400
200
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
0
ID = 10 A
VGS
VDD = 450 V
300 V
150 V
VDS


Similar Part No. - 2SK3299-ZJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3299-ZJ RENESAS-2SK3299-ZJ Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3299-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com