Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV620C-SH Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89PV620C-SH
Description  8-bit Proprietary Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV620C-SH Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89PV620C-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV620C-SH Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
MB89601R Series
9
(Continued)
*1: MDP-64C-P02
*2: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
MDIP*1
MQFP*2
10
3
P47/SI2
G
N-ch open-drain I/O port
Also serves as the data I/O for the serial I/O 2.
This port is a hysteresis input type.
11 to 18
4 to 11
P50/AN0 to
P57/AN7
H
N-ch open-drain output-only ports
Also serves as the analog input for the A/D converter.
22 to 25
15 to 18
P60/INT0 to
P63/INT3
I
General-purpose input-only ports
Also serves as an external interrupt input.
This port is a hysteresis input type.
26
19
P64
I
General-purpose input-only port
This port is a hysteresis input type.
64
57
VCC
Power supply pin
32,
57
25,
50
VSS
Power supply (GND) pins
19
12
AVCC
A/D converter power supply pin
20
13
AVR
A/D converter reference voltage input pin
21
14
AVSS
A/D converter power supply pin.
Use this port at the same voltage as VSS.


Similar Part No. - MB89PV620C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV620C-SH FUJITSU-MB89PV620C-SH Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89PV620C-SH FUJITSU-MB89PV620C-SH Datasheet
915Kb / 61P
   8-bit Proprietary Microcontroller
MB89PV620C-SH FUJITSU-MB89PV620C-SH Datasheet
622Kb / 44P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV620C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com