Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2687 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 2687
Description  Its a complete tool kit that fits in your palm.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2687 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 2687 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2687 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SurePunch® Pro Series Punchdown Tools – The new industry standard in impact punchdown tools – the first & only with a
detachable light! The most efficient & comfortable tool available offers true ergonomic design with an advanced spring mechanism
requiring less hand force. Also features a non-slip rubber-embedded cushioned handle and retractable hook, spudger and slitting
tooth. Terminates 23 AWG Cat-6 in a single punch. Blade storage in handle with latch cover. Uses all twist-&-lock-style blades.
ProPunch® 110 Multi-pair Punchdown Tool – Terminates & cuts up to 5-pairs of data/voice cable at the
same time – fewer punches saves time! Smooth operation & rugged, comfortable handle. Delivers more than one
and a half more times the force of others on the market. Cat-6, 23 AWG compatible.
Complete Tool
Replacement Head
P/N 3560 – ProPunch® 110 with 5-pair head
P/N 4560
P/N 3561 – ProPunch® 110 with 4-pair head
P/N 4561
P/N 3570 - SurePunch® PDT Handle
P/N 3571 - SurePunch® PDT with 110/66 Blade
P/N 3572 - SurePunch® PDT with 110 Blade
P/N 3575 - SurePunch® PDT with Krone® LSA Blade
P/N 3574 - SurePunch® PDT with BIX™ Blade
P/N 3576 - SurePunch® PDT with Double - 110 Blade
P/N 3590 - SurePunch® Pro Handle & Light
P/N 3584 – SurePunch® Pro with Double 110 & Light
P/N 3588 – SurePunch® Pro with 110/66 Blade & Light
P/N 3596 – SurePunch® Pro with 110 Blade & Light
P/N 3598 – SurePunch® Pro with BIX™ & Light
P/N 3599 – SurePunch® Pro with Krone® LSA Blade & Light
P/N 4599 – SurePunch® Pro detachable LED Light
SurePunch® Pro tools also available without light
3584
Upgraded patented
Double-110/110 Blade
terminates pairs into 110 jacks
& panels with .150” (3.81 mm)
spacing. Blade now reverses to
single 110. Fewer punches increases
productivity, reduces hand fatigue and labor costs.
SurePunch® Series Punchdown Tools – Impact punchdown tools with ergonomic design. Features
cushion grip with comfortable latch cover blade storage in handle. Increased HI/LO impact force
for new cable types & wire sizes, including Cat-6. Uses all twist-and-lock-style blades.
3572
Blades for SurePunch® and SurePunch® Pro
P/N 4571 - 110/66 Blade
P/N 4572 - 110 Blade
P/N 4573 - 66 Blade
P/N 4574 - BIX™ Blade
P/N 4575 - Krone® LSA Blade
P/N 4591 - Double 110/110 Blade
4572
4573
4571
4575
4591
4574
3560
7


Similar Part No. - 2687

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2687-2142 WAGO-2687-2142 Datasheet
82Kb / 6P
   Power supply; Eco 2; 1-phase; 24 VDC output voltage
18.10.2021
logo
3M Electronics
26878 3M-26878 Datasheet
306Kb / 7P
   Performance Spray Gun
More results

Similar Description - 2687

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1555 ETC2-PA1555 Datasheet
1Mb / 16P
   It?셲 a complete tool kit that fits in your palm.
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
   The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
   The Shape that Fits the Future
logo
Molex Electronics Ltd.
0198082012 MOLEX-0198082012 Datasheet
37Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
11/02/2021
0198082022 MOLEX-0198082022 Datasheet
43Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
0192870068 MOLEX-0192870068 Datasheet
29Kb / 1P
   ASP Perishable Tool Kit used in ASP Press that Processes Metal Strip Product
02/09/2017
0190270123 MOLEX-0190270123 Datasheet
34Kb / 1P
   ATP Perishable Tool Kit used in ATP presses that process product on tape
01/25/2022
0190270091 MOLEX-0190270091 Datasheet
32Kb / 1P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tapes
11/02/2021
0190270300 MOLEX-0190270300 Datasheet
39Kb / 2P
   ATP Perishable Tool Kit used in ATP Presses that Process Product on Tape
01/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com