Electronic Components Datasheet Search |
|
MB89PV140CF-102-ES Datasheet(PDF) 2 Page - Fujitsu Component Limited. |
|
MB89PV140CF-102-ES Datasheet(HTML) 2 Page - Fujitsu Component Limited. |
2 / 50 page 2 MB89140 Series (Continued) • Low-voltage operation (when an A/D converter is not used) • Low current consumption (compatible with dual-clock system) • High-voltage ports on chip • Five types of timers 8-bit PWM timer (also usable as a reload timer) 12-bit MPG timer (also usable as a PPG output, PWM output, and reload timer) 8/16-bit timer (also usable as two 8-bit timers) 21-bit time-base timer • One serial interface Swichable transfer direction allows communication with various equipment. • 10-bit A/D converter: 12 channels Successive approximation type • External interrupt: 2 channels Two channels are independent and capable of wake-up from low-power consumption modes. (Rising edge, falling edge/both edges selectability) –0.3 V to +7.0 V can be applied to INT1 (N-ch open-drain) • Low-power consumption modes Stop mode (Oscillation stops to minimize the current consumption.) Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.) Subclock mode Watch mode • Reset output and power-on reset selectability |
Similar Part No. - MB89PV140CF-102-ES |
|
Similar Description - MB89PV140CF-102-ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |